Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7490BRU Datasheet (PDF) - Analog Devices

AD7490BRU Datasheet PDF - Analog Devices
Part # AD7490BRU
Download  AD7490BRU Download

File Size   2255.94 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP

AD7490BRU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7490BRU Datasheet PDF - Analog Devices

Part # AD7490BRU
Download  AD7490BRU Click to download

File Size   2255.94 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP

AD7490BRU Datasheet (HTML) - Analog Devices

Back Button AD7490BRU Datasheet HTML 1Page - Analog Devices AD7490BRU Datasheet HTML 2Page - Analog Devices AD7490BRU Datasheet HTML 3Page - Analog Devices AD7490BRU Datasheet HTML 4Page - Analog Devices AD7490BRU Datasheet HTML 5Page - Analog Devices AD7490BRU Datasheet HTML 6Page - Analog Devices AD7490BRU Datasheet HTML 7Page - Analog Devices AD7490BRU Datasheet HTML 8Page - Analog Devices AD7490BRU Datasheet HTML 9Page - Analog Devices AD7490BRU Datasheet HTML 10Page - Analog Devices Next Button 

AD7490BRU Product details

GENERAL DESCRIPTION
The AD7490 is a 12-bit high speed, low power, 16-channel, successive approximation ADC. The part operates from a single 2.7 V to 5.25 V power supply and features throughput rates up to 1 MSPS. The part contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 1 MHz.

FEATURES
    Fast throughput rate: 1 MSPS
    Specified for VDD of 2.7 V to 5.25 V
    Low power at maximum throughput rates
        5.4 mW maximum at 870 kSPS with 3 V supplies
        12.5 mW maximum at 1 MSPS with 5 V supplies
    16 (single-ended) inputs with sequencer
    Wide input bandwidth 69.5 dB SNR at 50 kHz input frequency
    Flexible power/serial clock speed management
    No pipeline delays
    High speed serial interface, SPI/QSPI™/MICROWIRE™/DSP compatible
    Full shutdown mode: 0.5 µA maximum
    28-lead TSSOP and 32-lead LFCSP packages




Similar Part No. - AD7490BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490BRU AD-AD7490BRU Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BRU AD-AD7490BRU Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
AD7490BRU-REEL7 AD-AD7490BRU-REEL7 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BRU-REEL7 AD-AD7490BRU-REEL7 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
AD7490BRUZ AD-AD7490BRUZ Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results


Similar Description - AD7490BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
   16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com