Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1A-18V Datasheet (PDF) - Nais(Matsushita Electric Works)

PA1A-18V Datasheet PDF - Nais(Matsushita Electric Works)
Part # PA1A-18V
Download  PA1A-18V Download

File Size   135.99 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description THE SLIM POWER RELAY

PA1A-18V Datasheet (PDF)

Go To PDF Page Download Datasheet
PA1A-18V Datasheet PDF - Nais(Matsushita Electric Works)

Part # PA1A-18V
Download  PA1A-18V Click to download

File Size   135.99 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description THE SLIM POWER RELAY

PA1A-18V Datasheet (HTML) - Nais(Matsushita Electric Works)

PA1A-18V Datasheet HTML 1Page - Nais(Matsushita Electric Works) PA1A-18V Datasheet HTML 2Page - Nais(Matsushita Electric Works) PA1A-18V Datasheet HTML 3Page - Nais(Matsushita Electric Works)

PA1A-18V Product details

THE SLIM POWER RELAY



FEATURES

• Slim size (width 5 mm .197 inch, height 12.5 mm .492 inch) permits higher density mounting

• Wide switching capacity: Control from 100µA 100 mV to 5 A 250 V AC, 30 V DC

• High sensitivity: 120 mW (Nominal) (5 to 18 V DC type)

• High surge voltage (4000 V) and high breakdown voltage (2000 V)

• Shock & vibration resistance (functional): Min. 147m/s2  {15 G}

• SIL (single in line) terminal layout

• Reinforced according to IEC1131-2 (TÜV)



TYPICAL APPLICATIONS

• Interface relays for programmable controllers

• Output relays for measuring equipment, timers, counters and temperature controllers

• Industrial equipment, office equipment




Similar Part No. - PA1A-18V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA10 ETC-PA10 Datasheet
61Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA10 APEX-PA10 Datasheet
233Kb / 4P
   POWER OPERATIONAL AMPLIFIER
PA10 CIRRUS-PA10 Datasheet
344Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA10 CIRRUS-PA10 Datasheet
203Kb / 5P
   Power Operational Amplifier
logo
Vishay Siliconix
PA100 VISHAY-PA100 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
More results


Similar Description - PA1A-18V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
   THE SLIM POWER RELAY
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
   Slim Relay
logo
Nais(Matsushita Electri...
LKS1AF-12 NAIS-LKS1AF-12 Datasheet
46Kb / 3P
   250 mW Slim Power Relay
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
logo
Fujitsu Component Limit...
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Fujitsu Component Limit...
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com