Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP32N12V2 Datasheet (PDF) - Fairchild Semiconductor

FQP32N12V2 Datasheet PDF - Fairchild Semiconductor
Part # FQP32N12V2
Download  FQP32N12V2 Download

File Size   857.87 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 120V N-Channel MOSFET

FQP32N12V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP32N12V2 Datasheet PDF - Fairchild Semiconductor

Part # FQP32N12V2
Download  FQP32N12V2 Click to download

File Size   857.87 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 120V N-Channel MOSFET

FQP32N12V2 Datasheet (HTML) - Fairchild Semiconductor

FQP32N12V2 Datasheet HTML 1Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 2Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 3Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 4Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 5Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 6Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 7Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 8Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 9Page - Fairchild Semiconductor FQP32N12V2 Datasheet HTML 10Page - Fairchild Semiconductor



Similar Part No. - FQP32N12V2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP32N12V2 ISC-FQP32N12V2 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQP32N12V2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
FQP15P12 FAIRCHILD-FQP15P12 Datasheet
852Kb / 10P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS62922 AOSMD-AONS62922 Datasheet
335Kb / 6P
   120V N-Channel AlphaSGT TM
logo
Intersil Corporation
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
   2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
logo
Nexperia B.V. All right...
PSMN7R8-120PS NEXPERIA-PSMN7R8-120PS Datasheet
744Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
logo
NXP Semiconductors
PSMN7R8-120PS PHILIPS-PSMN7R8-120PS_15 Datasheet
273Kb / 13P
   N-channel 120V 7.9m廓 standard level MOSFET in TO220
25 January 2013
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com