Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP-CC-9 Datasheet (PDF) - Cooper Bussmann, Inc.

LP-CC-9 Datasheet PDF - Cooper Bussmann, Inc.
Part # LP-CC-9
Download  LP-CC-9 Download

File Size   639.26 Kbytes
Page   4 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses

LP-CC-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP-CC-9 Datasheet PDF - Cooper Bussmann, Inc.

Part # LP-CC-9
Download  LP-CC-9 Click to download

File Size   639.26 Kbytes
Page   4 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses

LP-CC-9 Datasheet (HTML) - Cooper Bussmann, Inc.

LP-CC-9 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-9 Datasheet HTML 2Page - Cooper Bussmann, Inc. LP-CC-9 Datasheet HTML 3Page - Cooper Bussmann, Inc. LP-CC-9 Datasheet HTML 4Page - Cooper Bussmann, Inc.



Similar Part No. - LP-CC-9

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LP-CC-9 EATON-LP-CC-9 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results


Similar Description - LP-CC-9

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
   LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C EATON-KRP-C Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
   CC-TRON Time-Delay Fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com