Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OZ962G Datasheet (PDF) - List of Unclassifed Manufacturers

OZ962G Datasheet PDF - List of Unclassifed Manufacturers
Part # OZ962G
Download  OZ962G Download

File Size   51.32 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Efficiency Inverter Controller

OZ962G Datasheet (PDF)

Go To PDF Page Download Datasheet
OZ962G Datasheet PDF - List of Unclassifed Manufacturers

Part # OZ962G
Download  OZ962G Click to download

File Size   51.32 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Efficiency Inverter Controller

OZ962G Datasheet (HTML) - List of Unclassifed Manufacturers

OZ962G Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ962G Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ962G Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ962G Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ962G Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ962G Datasheet HTML 6Page - List of Unclassifed Manufacturers

OZ962G Product details

[O2Micro]

GENERAL DESCRIPTION
The OZ962 is a unique high-efficiency, CCFL backlight controller. It generates symmetrical, near sinusoidal output voltage and current waveforms for driving a CCFL backlight. The OZ962 operates in a single, constant frequency, pulse-width-modulation (PWM) mode. Typical operating frequency ranges between 30 KHz to 100 KHz, depending on the CCFL and the transformer’s characteristics.

FEATURES
• Single-stage power conversion, input voltage •ange of 5V to 18V
• Reduces the number of components and board size by 30% compared with conventional design
• Supports both floating and grounded secondary designs
• 90% efficiency vs. typical 75% efficiency of conventional designs
• Internal open-lamp and short-circuit protections
• Wide dimming range
• Supports synchronization among multiple inverter modules
• Reliable 2-winding transformer design, eliminates arcing problems
• Constant frequency, symmetrical, sinusoidal drive




Similar Part No. - OZ962G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
More results


Similar Description - OZ962G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ965 ETC-OZ965 Datasheet
66Kb / 7P
   High-Efficiency Inverter Controller
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
logo
Analog Technologies, In...
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
logo
Micro Linear Corporatio...
ML4863 MICRO-LINEAR-ML4863 Datasheet
215Kb / 10P
   High Efficiency Flyback Controller
logo
Texas Instruments
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
List of Unclassifed Man...
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com