Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1740-427-3820 Datasheet (PDF) - Vishay Siliconix

F1740-427-3820 Datasheet PDF - Vishay Siliconix
Part # F1740-427-3820
Download  F1740-427-3820 Download

File Size   75.87 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Suppression Capacitors for Washing Machines/Dishwashers Class X1/Y2 AC 275V/250V

F1740-427-3820 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1740-427-3820 Datasheet PDF - Vishay Siliconix

Part # F1740-427-3820
Download  F1740-427-3820 Click to download

File Size   75.87 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Suppression Capacitors for Washing Machines/Dishwashers Class X1/Y2 AC 275V/250V

F1740-427-3820 Datasheet (HTML) - Vishay Siliconix

F1740-427-3820 Datasheet HTML 1Page - Vishay Siliconix F1740-427-3820 Datasheet HTML 2Page - Vishay Siliconix



Similar Part No. - F1740-427-3820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-427-3511 VISHAY-F1740-427-3511 Datasheet
62Kb / 2P
   Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Revision 02-Oct-00
F1740-427-3550 VISHAY-F1740-427-3550 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1740-427-3558 VISHAY-F1740-427-3558 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1740-427-3581 VISHAY-F1740-427-3581 Datasheet
62Kb / 2P
   Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Revision 02-Oct-00
More results


Similar Description - F1740-427-3820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-3550 VISHAY-F1740-3550 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1710-250V VISHAY-F1710-250V Datasheet
74Kb / 2P
   AC-Capacitors, Suppression Capacitors Class Y2 AC 250V (MKT)
Revision 03-Oct-02
F1740-3511 VISHAY-F1740-3511 Datasheet
62Kb / 2P
   Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Revision 02-Oct-00
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
   AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
Revision 03-Oct-02
F17103101000 VISHAY-F17103101000 Datasheet
312Kb / 3P
   AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305 V (MKT)
Revision: 15-Oct-07
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
   CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Vishay Siliconix
F1722-4000 VISHAY-F1722-4000 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
WYO VISHAY-WYO Datasheet
327Kb / 3P
   Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
Revision: 31-Jan-06
F1722-4200 VISHAY-F1722-4200 Datasheet
293Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 400 V (MKT)
Revision: 09-Feb-06
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
   Washing machines
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com