Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB95N03L Datasheet (PDF) - Fairchild Semiconductor

FQB95N03L Datasheet PDF - Fairchild Semiconductor
Part # FQB95N03L
Download  FQB95N03L Download

File Size   229.7 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PWM Optimized Power MOSFET

FQB95N03L Datasheet (PDF)

Go To PDF Page Download Datasheet
FQB95N03L Datasheet PDF - Fairchild Semiconductor

Part # FQB95N03L
Download  FQB95N03L Click to download

File Size   229.7 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level PWM Optimized Power MOSFET

FQB95N03L Datasheet (HTML) - Fairchild Semiconductor

Back Button FQB95N03L Datasheet HTML 1Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 2Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 3Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 4Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 5Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 6Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 7Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 8Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 9Page - Fairchild Semiconductor FQB95N03L Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FQB95N03L Product details

General Description
This device employs a new advanced trench MOSFET technology and features low gate charge while maintaining low on-resistance.
Optimized for switching applications, this device improves the overall efficiency of DC/DC converters and allows operation to higher switching frequencies.

Features
• Fast switching
• rDS(ON) = 0.0064Ω (Typ), VGS = 10V
• rDS(ON) = 0.010Ω (Typ), VGS = 5V
• Qg (Typ) = 24nC, VGS = 5V
• Qgd (Typ) = 8nC
• CISS (Typ) = 2600pF

Applications
• DC/DC converters




Similar Part No. - FQB95N03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQB95N03L ISC-FQB95N03L Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
More results


Similar Description - FQB95N03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB60N03L FAIRCHILD-FQB60N03L Datasheet
238Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FQD45N03L FAIRCHILD-FQD45N03L Datasheet
269Kb / 11P
   N-Channel Logic Level PWM Optimized Power MOSFET
FDD6680 FAIRCHILD-FDD6680 Datasheet
199Kb / 6P
   N-Channel Logic Level PWM Optimized PowerTrench??MOSFET
FDS4410 FAIRCHILD-FDS4410 Datasheet
241Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912_0007 FAIRCHILD-FDS6912_0007 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com