Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2336 Datasheet (PDF) - GOOD-ARK Electronics

SSF2336 Datasheet PDF - GOOD-ARK Electronics
Part # SSF2336
Download  SSF2336 Download

File Size   313.89 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 20V N-Channel MOSFET

SSF2336 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF2336 Datasheet PDF - GOOD-ARK Electronics

Part # SSF2336
Download  SSF2336 Click to download

File Size   313.89 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 20V N-Channel MOSFET

SSF2336 Datasheet (HTML) - GOOD-ARK Electronics

SSF2336 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2336 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2336 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2336 Datasheet HTML 4Page - GOOD-ARK Electronics

SSF2336 Product details

DESCRIPTION
The SSF2336 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application.

GENERAL FEATURES
● VDS = 20V,ID = 4.2A
    RDS(ON) < 80mΩ @ VGS=2.5V
    RDS(ON) < 45mΩ @ VGS=4.5V
● High Power and current handing capability
● Lead free product
● Surface Mount Package

APPLICATIONS
● Battery protection
● Load switch
● Power management




Similar Part No. - SSF2336

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
   Battery protection
logo
GOOD-ARK Electronics
SSF2336 GOOD-ARK-SSF2336_15 Datasheet
313Kb / 4P
   20V N-Channel MOSFET
More results


Similar Description - SSF2336

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com