Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBG48A Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SMBG48A Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # SMBG48A
Download  SMBG48A Download

File Size   479.14 Kbytes
Page   4 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Transient Voltage Suppressors

SMBG48A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBG48A Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # SMBG48A
Download  SMBG48A Click to download

File Size   479.14 Kbytes
Page   4 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Transient Voltage Suppressors

SMBG48A Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SMBG48A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG48A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG48A Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SMBG48A Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SMBG48A Product details

FEATURES
♦ Plastic package has Underwriters Laboratory Flammability Classification 94V-0
♦ For surface mounted applications in order to optimize board space
♦ Low profile package
♦ Built-in strain relief
♦ Glass passivated junction
♦ Low incremental surge resistance
♦ 600W peak pulse power capability with a 10/1000µs waveform,
   repetition rate (duty cycle): 0.01%
♦ Excellent clamping capability
♦ Fast response time: typically less than 1.0ps from 0 volts
   to V(BR) for unidirectional and 5.0ns for bidirectional types
♦ For devices with V(BR)≥10V, ID are typically less than 1.0µA
♦ High temperature soldering guaranteed: 250°C/10 seconds at terminals




Similar Part No. - SMBG48A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG48A GE-SMBG48A Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG48A MICROSEMI-SMBG48A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG48A MICROSEMI-SMBG48A Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG48A MICROSEMI-SMBG48A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG48A VISHAY-SMBG48A Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Similar Description - SMBG48A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com