Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P124K Datasheet (PDF) - International Rectifier

P124K Datasheet PDF - International Rectifier
Part # P124K
Download  P124K Download

File Size   82.66 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PASSIVATED ASSEMBLED CIRCUIT ELEMENTS

P124K Datasheet (PDF)

Go To PDF Page Download Datasheet
P124K Datasheet PDF - International Rectifier

Part # P124K
Download  P124K Click to download

File Size   82.66 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PASSIVATED ASSEMBLED CIRCUIT ELEMENTS

P124K Datasheet (HTML) - International Rectifier

P124K Datasheet HTML 1Page - International Rectifier P124K Datasheet HTML 2Page - International Rectifier P124K Datasheet HTML 3Page - International Rectifier P124K Datasheet HTML 4Page - International Rectifier P124K Datasheet HTML 5Page - International Rectifier P124K Datasheet HTML 6Page - International Rectifier P124K Datasheet HTML 7Page - International Rectifier

P124K Product details

Description
The P100 series of Integrated Power Circuits consists of power thyristors and power diodes configured in a single package. With its isolating base plate, mechanical designs are greatly simpli fied giving advantages of cost reduction and reduced size.
Applications include power supplies, control cir cuits and battery chargers.

Features
■ Glass passivated junctions for greater reliability
■ Electrically isolated base plate
■ Available up to 1200 VRRM, VDRM
■ High dynamic characteristics
■ Wide choice of circuit configurations
■ Simplified mechanical design and assembly
■ UL E78996 approved




Similar Part No. - P124K

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P124 POLYFET-P124 Datasheet
33Kb / 2P
   PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P124 IRF-P124 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Connor-Winfield Corpora...
P124 CONNOR-WINFIELD-P124 Datasheet
214Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
logo
Vishay Siliconix
P124 VISHAY-P124 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
Pomona Electronics
P124- POMONA-P124- Datasheet
27Kb / 1P
   Model P Stacking Pin Tip Plug, Each End
More results


Similar Description - P124K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P101KW IRF-P101KW Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P401 VISHAY-VS-P401 Datasheet
143Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
P100 VISHAY-P100 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
P400 VISHAY-P400 Datasheet
122Kb / 6P
   Passivated Assembled Circuit Elements, 40 A
Revision: 05-Nov-09
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com