Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431BZ-AE1 Datasheet (PDF) - Diodes Incorporated

AZ431BZ-AE1 Datasheet PDF - Diodes Incorporated
Part # AZ431BZ-AE1
Download  AZ431BZ-AE1 Download

File Size   448.49 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431BZ-AE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ431BZ-AE1 Datasheet PDF - Diodes Incorporated

Part # AZ431BZ-AE1
Download  AZ431BZ-AE1 Click to download

File Size   448.49 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431BZ-AE1 Datasheet (HTML) - Diodes Incorporated

Back Button AZ431BZ-AE1 Datasheet HTML 1Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 2Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 3Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 4Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 5Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 6Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 7Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 8Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 9Page - Diodes Incorporated AZ431BZ-AE1 Datasheet HTML 10Page - Diodes Incorporated Next Button 

AZ431BZ-AE1 Product details

Description
The AZ431-A is a three-terminal adjustable shunt regulator with guaranteed thermal stability over a full operation range. It features sharp turn-on characteristics, low temperature coefficient and low output impedance, which make it ideal substitute for Zener diode in applications such as switching power supply, charger and other adjustable regulators.
The output voltage of AZ431-A can be set to any value between VREF (2.5V) and the corresponding maximum cathode voltage (36V).
The AZ431-A precision reference is offered in two voltage tolerance: 0.4% and 0.8%.
This IC is available in 3 packages: TO92 (Bulk or Ammo Packing), SOT23 and SOT89.

Features
● Programmable Precise Output Voltage from 2.5V to 36V
● High Stability under Capacitive Load
● Low Temperature Deviation: 4.5mV Typical
● Low Equivalent Full-range Temperature Coefficient with 20PPM/°C Typical
● Sink Current Capacity from 1mA to 100mA
● Low Output Noise
● Wide Operating Range of -40 to +125°C
● Lead-Free Packages: TO92, SOT23, SOT89
● Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
● Lead-Free Packages, Available in “Green” Molding Compound: TO92, SOT23
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● Charger
● Voltage Adapter
● Switching Power Supply
● Graphic Card
● Precision Voltage Reference




Similar Part No. - AZ431BZ-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431BZ-AE1 BCDSEMI-AZ431BZ-AE1 Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AZ431BZ-AE1 DIODES-AZ431BZ-AE1 Datasheet
565Kb / 19P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431BZ-AE1 LEIDITECH-AZ431BZ-AE1 Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
More results


Similar Description - AZ431BZ-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com