Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV9211 Datasheet (PDF) - STMicroelectronics

STV9211 Datasheet PDF - STMicroelectronics
Part # STV9211
Download  STV9211 Download

File Size   680.02 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE

STV9211 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV9211 Datasheet PDF - STMicroelectronics

Part # STV9211
Download  STV9211 Click to download

File Size   680.02 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE

STV9211 Datasheet (HTML) - STMicroelectronics

Back Button STV9211 Datasheet HTML 1Page - STMicroelectronics STV9211 Datasheet HTML 2Page - STMicroelectronics STV9211 Datasheet HTML 3Page - STMicroelectronics STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics Next Button 

STV9211 Product details

DESCRIPTION

The STV9211 is an I2C Bus controlled RGB preamplifier designed for Monitor applications, able to mix the RGB signals coming from any OSD device. The usual Contrast, Brightness, Drive and Cut-Off (InfraBlack) Controls are provided. In addition, it includes the following features:



- High resolution cut-off (InfraBlack) adjustment,

- OSD contrast,

- Bandwidth and stand-by control,

- Brightness before/after Drive Selection.



FEATURES

● 150 MHz Pixel Rate

● 2.7 ns Rise and Fall Time

● I2C Bus Controlled

● Support DC Coupling Application only

● Brightness Selection (after or before Drive)

● Grey Scale Tracking Versus Brightness

● InfraBlack Range Selection 1.3 or 1.8V

(i.e: 26 or 36V in kit with STV95xx amplifier)

● InfraBlack Offset Selection 0.4 to 2.2V

(i.e: 115 to 80V in kit with STV95xx amplifiers)

● OSD Mixing

● Beam Current Attenuation (ABL)

● Pedestral Clamping on Output Stage

● Possibility of Light or Dark Grey OSD

Background

● OSD Contrast Control

● Input Black Level Clamping with Built-in Clamping Pulse

● 5 V to 8 V Power Supply

● Perfectly matched with the STV95xx ST Amplifier Family

● Preamplifier Control (bandwidth and stand-by)

● Amplifier Control (bandwidth and stand-by), only applicable to amplifiers with CTL pin or STDBY pins.




Similar Part No. - STV9211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9211 STMICROELECTRONICS-STV9211 Datasheet
444Kb / 24P
   12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
February 2002 Version 4.0
More results


Similar Description - STV9211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9511 STMICROELECTRONICS-TDA9511 Datasheet
52Kb / 5P
   DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
   Video Pixel Decoders
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
   Video Pixel Decoders
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com