Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG02 Datasheet (PDF) - XP Power Limited

AG02 Datasheet PDF - XP Power Limited
Part # AG02
Download  AG02 Download

File Size   907.57 Kbytes
Page   10 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

AG02 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG02 Datasheet PDF - XP Power Limited

Part # AG02
Download  AG02 Click to download

File Size   907.57 Kbytes
Page   10 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

AG02 Datasheet (HTML) - XP Power Limited

AG02 Datasheet HTML 1Page - XP Power Limited AG02 Datasheet HTML 2Page - XP Power Limited AG02 Datasheet HTML 3Page - XP Power Limited AG02 Datasheet HTML 4Page - XP Power Limited AG02 Datasheet HTML 5Page - XP Power Limited AG02 Datasheet HTML 6Page - XP Power Limited AG02 Datasheet HTML 7Page - XP Power Limited AG02 Datasheet HTML 8Page - XP Power Limited AG02 Datasheet HTML 9Page - XP Power Limited AG02 Datasheet HTML 10Page - XP Power Limited

AG02 Product details

PRODUCT DESCRIPTION
The AG Series is a new line of ultra-miniature DC to HV DC converters that set an industry standard in high voltage miniaturization. These component-sized converters are ideal for applications requiring minimal size and weight. Occupying less than one tenth of a cubic inch of volume*5, this unique package features an extremely low profile of only 0.128 inches (3.25mm) when mounted in from the top, or 0.152 (3.86mm) when mounted in from the bottom of the PCB! The AG Series converter can also mount off the PCB with .030” diameter pins. See page 9 for illustrations. Controllable output voltages range from 100 volts to 6000 volts. Please refer to the A Series data sheet for PCB pin mounting.

FEATURES
• Proportional Input/Output
• Low Noise Quasi-sinewave Oscillator
• Control Pin (can be used for on/off control)
• Low Leakage Current
• Low Input/Output Capacitance
• Input to Output Galvanic Isolation
• Short Circuit Protection, 1 Minute Minimum
• No Minimum Load Required*2
• MTBF > 1,862,000 hours, per Bellcore TR 332
• Surface Mount Package
• No external components required
• RoHS Compliant
• UL Recognized

Avalanche Photodiodes
   Capacitor Charging
   Electrophoresis
   Photomultiplier Tubes
   Piezo Devices
   Mass Spectrometry
   Sustaining Ion Pumps
   APPLICATIONS




Similar Part No. - AG02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AG003-01 RHOPOINT-AG003-01 Datasheet
331Kb / 1P
   GMR Current Sensor Evaluation Kit
logo
Rohm
AG009DGQ3 ROHM-AG009DGQ3 Datasheet
2Mb / 14P
   Nch 40V 30A Power MOSFET
logo
Sanken electric
AG01 SANKEN-AG01 Datasheet
24Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
AG01 ETC-AG01 Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
AG01 BILIN-AG01 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Similar Description - AG02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com