Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF13332D Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LF13332D Datasheet PDF - National Semiconductor (TI)
Part # LF13332D
Download  LF13332D Download

File Size   416.3 Kbytes
Page   18 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Quad SPST JFET Analog Switches

LF13332D Datasheet (PDF)

Go To PDF Page Download Datasheet
LF13332D Datasheet PDF - National Semiconductor (TI)

Part # LF13332D
Download  LF13332D Click to download

File Size   416.3 Kbytes
Page   18 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Quad SPST JFET Analog Switches

LF13332D Datasheet (HTML) - National Semiconductor (TI)

Back Button LF13332D Datasheet HTML 1Page - National Semiconductor (TI) LF13332D Datasheet HTML 2Page - National Semiconductor (TI) LF13332D Datasheet HTML 3Page - National Semiconductor (TI) LF13332D Datasheet HTML 4Page - National Semiconductor (TI) LF13332D Datasheet HTML 5Page - National Semiconductor (TI) LF13332D Datasheet HTML 6Page - National Semiconductor (TI) LF13332D Datasheet HTML 7Page - National Semiconductor (TI) LF13332D Datasheet HTML 8Page - National Semiconductor (TI) LF13332D Datasheet HTML 9Page - National Semiconductor (TI) LF13332D Datasheet HTML 10Page - National Semiconductor (TI) Next Button 

LF13332D Product details

General Description

These devices are a monolithic combination of bipolar and JFET technology producing the industry’s first one chip quad JFET switch. A unique circuit technique is employed to main tain a constant resistance over the analog voltage range of ±10V. The input is designed to operate from minimum TTL levels, and switch operation also ensures a break-before-make action.



Features

Analog signals are not loaded

Constant “ON” resistance for signals up to±10V and 100 kHz

Pin compatible with CMOS switches with the advantage of blow out free handling

Small signal analog signals to 50 MHz

Break-before-make action: tOFF High open switch isolation at 1.0 MHz: −50 dB

Low leakage in “OFF” state: <1.0 nA

TTL, DTL, RTL compatibility

Single disable pin opens all switches in package on LF11331, LF11332, LF11333

LF11201 is pin compatible with DG201




Similar Part No. - LF13332D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF13300 NSC-LF13300 Datasheet
1Mb / 18P
   INTERGRATING A/D ANALOG BUILDING BLOCK
LF13300D NSC-LF13300D Datasheet
1Mb / 18P
   INTERGRATING A/D ANALOG BUILDING BLOCK
More results


Similar Description - LF13332D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
   QUAD SPST JFET ANALOG SWITCHES
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com