Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61CC1102NR Datasheet (PDF) - Torex Semiconductor

XC61CC1102NR Datasheet PDF - Torex Semiconductor
Part # XC61CC1102NR
Download  XC61CC1102NR Download

File Size   892.48 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low Voltage Detectors

XC61CC1102NR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC61CC1102NR Datasheet PDF - Torex Semiconductor

Part # XC61CC1102NR
Download  XC61CC1102NR Click to download

File Size   892.48 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low Voltage Detectors

XC61CC1102NR Datasheet (HTML) - Torex Semiconductor

Back Button XC61CC1102NR Datasheet HTML 1Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 2Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 3Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 4Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 5Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 6Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 7Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 8Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 9Page - Torex Semiconductor XC61CC1102NR Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC61CC1102NR Product details

■ GENERAL DESCRIPTION
The XC61C series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are available.

◆ CMOS
◆ Highly Accurate:± 1% (VDF=2.6V~5.0V) ± 2% (VDF=0.8V~6.0V)
◆ Low Power Consumption: 0.7μ A (VIN=1.5V)

■ FEATURES
   Highly Accurate : ± 2%
                               (Low Voltage VD: 0.8V~1.5V)
                               (Standard Voltage VD: 1.6V~6.0V)
                               ± 1%
                               (Standard Voltage VD: 2.6V~5.0V)
   Low Power Consumption : 0.7μ A (TYP.) [VIN=1.5V]
   Detect Voltage Range :0.8V ~ 6.0V in 100mV increments
   Operating Voltage Range :0.7V ~ 6.0V (Low Voltage)
                                              0.7V~ 10.0V (Standard Voltage)
   Detect Voltage Temperature Characteristics
                                            : ± 100ppm/℃ (TYP.) @Ta=25 OC
   Output Configuration : N-channel open drain or CMOS
   Ultra Small Packages : SSOT-24 (150mW)
                                         SOT-23 (250mW)
                                         SOT-25 (250mW)
                                         SOT-89 (500mW)
                                         TO-92 (300mW)
                                         USP-6B (100mW)
                                         USP-6C (100mW)
                                         USP-4 (120mW)

■ APPLICATIONS
● Microprocessor reset circuitry
● Memory battery back-up circuits
● Power-on reset circuits
● Power failure detection
● System battery life and charge voltage monitors




Similar Part No. - XC61CC1102NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC0801LB TOREX-XC61CC0801LB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LH TOREX-XC61CC0801LH Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LL TOREX-XC61CC0801LL Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LR TOREX-XC61CC0801LR Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801MB TOREX-XC61CC0801MB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
More results


Similar Description - XC61CC1102NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com