Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62FP2601TH Datasheet (PDF) - Torex Semiconductor

XC62FP2601TH Datasheet PDF - Torex Semiconductor
Part # XC62FP2601TH
Download  XC62FP2601TH Download

File Size   293.38 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description POSITIVE VOLTAGE REGULATORS

XC62FP2601TH Datasheet (PDF)

Go To PDF Page Download Datasheet
XC62FP2601TH Datasheet PDF - Torex Semiconductor

Part # XC62FP2601TH
Download  XC62FP2601TH Click to download

File Size   293.38 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description POSITIVE VOLTAGE REGULATORS

XC62FP2601TH Datasheet (HTML) - Torex Semiconductor

Back Button XC62FP2601TH Datasheet HTML 1Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 2Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 3Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 4Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 5Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 6Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 7Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 8Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 9Page - Torex Semiconductor XC62FP2601TH Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC62FP2601TH Product details

■ General Description
The XC62FP series is a group of positive voltage output, three-pin regulators, that provide a high current even when the input/output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and laser trimming technologies.
The XC62FP consists of a high-precision voltage reference, an error amplification circuit, and a current limited output driver. Transient response to load variations have improved in comparison to the existing series.
SOT-23 (150mW), SOT-89 (500mW) and TO-92 (300mW) packages are available.

■ Features
    Maximum Output Current : 250mA (within max. power dissipation, VOUT = 5.0V)
    Output Voltage Range : 2.0V ~ 6.0V in 0.1V increments (1.5V ~ 1.9V for custom products)
    Highly Accurate: Output voltage ±2% (±1% for semi-custom products)
    Low Power Consumption : Typ. 2.0µA @ VOUT=5.0V
    Output Voltage Temperature Characteristics : Typ. ±100ppm/°C
    Input Stability : Typ. 0.2%/V
    Small Input-Output Differential : IOUT = 100mA @ VOUT = 5.0V with a 0.12V differential.
    Ultra Small Packages : SOT-23 (150mW) mini-mold, SOT-89 (500mW) mini-power mold TO-92 (300mW)

■ Applications
● Battery Powered Equipment
● Palmtops
● Portable Cameras and Video Recorders
● Reference Voltage Sources




Similar Part No. - XC62FP2601TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FP3001LB TOREX-XC62FP3001LB Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LH TOREX-XC62FP3001LH Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LL TOREX-XC62FP3001LL Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LR TOREX-XC62FP3001LR Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001MB TOREX-XC62FP3001MB Datasheet
293Kb / 16P
   Positive Voltage Regulators
More results


Similar Description - XC62FP2601TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com