Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X90100M8I Datasheet (PDF) - Xicor Inc.

X90100M8I Datasheet PDF - Xicor Inc.
Part # X90100M8I
Download  X90100M8I Download

File Size   104.47 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description NV Electronically Programmable Capacitor

X90100M8I Datasheet (PDF)

Go To PDF Page Download Datasheet
X90100M8I Datasheet PDF - Xicor Inc.

Part # X90100M8I
Download  X90100M8I Click to download

File Size   104.47 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description NV Electronically Programmable Capacitor

X90100M8I Datasheet (HTML) - Xicor Inc.

X90100M8I Datasheet HTML 1Page - Xicor Inc. X90100M8I Datasheet HTML 2Page - Xicor Inc. X90100M8I Datasheet HTML 3Page - Xicor Inc. X90100M8I Datasheet HTML 4Page - Xicor Inc. X90100M8I Datasheet HTML 5Page - Xicor Inc. X90100M8I Datasheet HTML 6Page - Xicor Inc. X90100M8I Datasheet HTML 7Page - Xicor Inc. X90100M8I Datasheet HTML 8Page - Xicor Inc. X90100M8I Datasheet HTML 9Page - Xicor Inc. X90100M8I Datasheet HTML 10Page - Xicor Inc.

X90100M8I Product details

DESCRIPTION
The Xicor X90100 is a non-volatile electronically programmable capacitor. The device is programmed through a simple digital interface. After programming, the chosen setting for the device is retained by internal EEPROM storage whether or not DC power is maintained.

FEATURES
• Non-volatile EEPROM storage of programmed trim codes
• Power On Recall of capacitance setting
• High-Performance Electronically Trimmable Capacitance
• Excellent Linearity: <0.5 LSB error
• Very Simple Digital Interface
• Fast Adjustments: 5µs max incremental change
• Eliminates the need for mechanical tuning
• Capacitance trimmable from 7.5 pF to 14.5 pF (single-ended mode)
• Packages:
    —MSOP (1.1mm x 3.0mm x 3.0mm)
    —FCP (1.35mm x 1.32mm x 0.50mm)

APPLICATIONS
• Post-trim of low-cost regenerative receivers
• Tunable RF stages
• Low-cost, Low temperature drift oscillators
• Garage door openers
• Keyless entry
• Industrial wireless control
• Capacitive sensor trimming
• RFID tags




Similar Part No. - X90100M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X90100M8I INTERSIL-X90100M8I Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
X90100M8IT1 INTERSIL-X90100M8IT1 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
More results


Similar Description - X90100M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X90100 INTERSIL-X90100 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Mechatronics, Inc.
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
   electronically commutated
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
   electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
   electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
   electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
   electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
   electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
   electronically commutated
logo
Cypress Semiconductor
CY8CNP102E CYPRESS-CY8CNP102E Datasheet
1Mb / 38P
   Nonvolatile Programmable System-on-Chip(PSoC짰 NV)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com