Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM883HVH Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM883HVH Datasheet PDF - National Semiconductor (TI)
Part # LM883HVH
Download  LM883HVH Download

File Size   340.04 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3-Terminal Adjustable Negative Regulators (High Voltage)

LM883HVH Datasheet (PDF)

Go To PDF Page Download Datasheet
LM883HVH Datasheet PDF - National Semiconductor (TI)

Part # LM883HVH
Download  LM883HVH Click to download

File Size   340.04 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3-Terminal Adjustable Negative Regulators (High Voltage)

LM883HVH Datasheet (HTML) - National Semiconductor (TI)

LM883HVH Datasheet HTML 1Page - National Semiconductor (TI) LM883HVH Datasheet HTML 2Page - National Semiconductor (TI) LM883HVH Datasheet HTML 3Page - National Semiconductor (TI) LM883HVH Datasheet HTML 4Page - National Semiconductor (TI) LM883HVH Datasheet HTML 5Page - National Semiconductor (TI) LM883HVH Datasheet HTML 6Page - National Semiconductor (TI) LM883HVH Datasheet HTML 7Page - National Semiconductor (TI) LM883HVH Datasheet HTML 8Page - National Semiconductor (TI) LM883HVH Datasheet HTML 9Page - National Semiconductor (TI) LM883HVH Datasheet HTML 10Page - National Semiconductor (TI)

LM883HVH Product details

General Description
The LM137HV/LM337HV are adjustable 3-terminal negative voltage regulators capable of supplying in excess of −1.5A over an output voltage range of −1.2V to −47V. These regu lators are exceptionally easy to apply, requiring only 2 exter nal resistors to set the output voltage and 1 output capacitor for frequency compensation. The circuit design has been optimized for excellent regulation and low thermal transients. Further, the LM137HV series features internal current limiting, thermal shutdown and safe-area compensation, making them virtually blowout-proof against overloads.

Features
   Output voltage adjustable from −1.2V to −47V
   1.5A output current guaranteed, −55˚C to +150˚C
   Line regulation typically 0.01%/V
   Load regulation typically 0.3%
   Excellent thermal regulation, 0.002%/W
   77 dB ripple rejection
   Excellent rejection of thermal transients
   50 ppm/˚C temperature coefficient
   Temperature-independent current limit
   Internal thermal overload protection
   P+ Product Enhancement tested
   Standard 3-lead transistor package
   Output short circuit protected




Similar Part No. - LM883HVH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM883HVH NSC-LM883HVH Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
More results


Similar Description - LM883HVH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
LM137HVQML TI-LM137HVQML_15 Datasheet
633Kb / 14P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com