Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHU Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKHU Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKHU
Download  SKHU Download

File Size   798.23 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Soldering of the frame realizes higher solder strength

SKHU Datasheet (PDF)

Go To PDF Page Download Datasheet
SKHU Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKHU
Download  SKHU Click to download

File Size   798.23 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Soldering of the frame realizes higher solder strength

SKHU Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.

SKHU Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHU Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHU Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.

SKHU Product details

Side Push Type with 1.55mm Height (Surface Mount Type)

Soldering of the frame realizes higher solder strength




Similar Part No. - SKHU

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUALE010 ALPS-SKHUALE010 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
SKHUAME010 ALPS-SKHUAME010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
More results


Similar Description - SKHU

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARM-LA0115 AAEON-ARM-LA0115 Datasheet
182Kb / 1P
   SUSPA Series System Ensures The Stability Of Product And Strength Of Quality
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
List of Unclassifed Man...
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
   Solder Pots For lead-Free Soldering
logo
NEC
M100 NEC-M100 Datasheet
373Kb / 2P
   AN ENTRY-LEVEL DEVICE WITH THE OPERABILITY AND FUNCTIONALITY OF A HIGHER CLASS
logo
WECO ELECTRICAL CONNECT...
983-ML-2.8 WECO-983-ML-2.8 Datasheet
85Kb / 1P
   Screw/solder connector block with soldering tags
03.19
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
   High case dielectric strength of 2500 V
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
logo
TDK Electronics
MLK1005S1N0ST000 TDK-MLK1005S1N0ST000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com