Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCM6D1212C Datasheet (PDF) - Murata Power Solutions Inc.

NCM6D1212C Datasheet PDF - Murata Power Solutions Inc.
Part # NCM6D1212C
Download  NCM6D1212C Download

File Size   536.28 Kbytes
Page   19 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 6W Wide Input Single & Dual Output DC/DC Converters

NCM6D1212C Datasheet (PDF)

Go To PDF Page Download Datasheet
NCM6D1212C Datasheet PDF - Murata Power Solutions Inc.

Part # NCM6D1212C
Download  NCM6D1212C Click to download

File Size   536.28 Kbytes
Page   19 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 6W Wide Input Single & Dual Output DC/DC Converters

NCM6D1212C Datasheet (HTML) - Murata Power Solutions Inc.

Back Button NCM6D1212C Datasheet HTML 1Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 2Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 3Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 4Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 5Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 6Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 7Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 8Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 9Page - Murata Power Solutions Inc. NCM6D1212C Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button 

NCM6D1212C Product details

PRODUCT OVERVIEW
The NCM6 series of DC/DC converters offers single & dual output voltages from wide input voltage ranges ranges of 4.5-9, 9-36V & 18-75V.. The NCM6 is housed in an industry standard package with a standard pinout. The NCM6 is encapsulated for superior thermal performance.
Applications include medical, telecommunication battery powered systems, process control and distributed power systems.

FEATURES
■ UL60950 Reinforced Insulation, recognition pending
■ UL60601 (3rd Ed), 2 MOOP’s recognition pending
■ 4:1 Wide range voltage input3
■ Operating temperature range –40°C to 85°C
■ 5200VDC Isolation
■ Typical efficiency to 88%
■ 5V, 12V & 48V Nominal input
■ Power density 0.94W/cm3
■ 5mm creepage guaranteed
■ Under voltage lock out
■ Control pin option




Similar Part No. - NCM6D1212C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCM6D1212C MURATA-PS-NCM6D1212C Datasheet
505Kb / 23P
   Isolated 6W Wide Input Single & Dual Output DC-DC Converters
2023
More results


Similar Description - NCM6D1212C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com