Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP431I Datasheet (PDF) - Anachip Corp

AP431I Datasheet PDF - Anachip Corp
Part # AP431I
Download  AP431I Download

File Size   323.93 Kbytes
Page   17 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Adjustable Precision Shunt Regulator

AP431I Datasheet (PDF)

Go To PDF Page Download Datasheet
AP431I Datasheet PDF - Anachip Corp

Part # AP431I
Download  AP431I Click to download

File Size   323.93 Kbytes
Page   17 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Adjustable Precision Shunt Regulator

AP431I Datasheet (HTML) - Anachip Corp

Back Button AP431I Datasheet HTML 1Page - Anachip Corp AP431I Datasheet HTML 2Page - Anachip Corp AP431I Datasheet HTML 3Page - Anachip Corp AP431I Datasheet HTML 4Page - Anachip Corp AP431I Datasheet HTML 5Page - Anachip Corp AP431I Datasheet HTML 6Page - Anachip Corp AP431I Datasheet HTML 7Page - Anachip Corp AP431I Datasheet HTML 8Page - Anachip Corp AP431I Datasheet HTML 9Page - Anachip Corp AP431I Datasheet HTML 10Page - Anachip Corp Next Button 

AP431I Product details

■ Description
The AP431/AP431A are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 2.495V(VREF) up to 36V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.2Ω. Active output circuitry provides very sharp turn-on characteristics, making these devices excellent improved replacements for Zener diodes in many applications.

■ Features
• Precision reference voltage
   AP431 : 2.495V ± 1%
   AP431A : 2.495V ± 0.5%
• Sink current capability: 200mA
• Minimum cathode current for regulation: 300μA
• Equivalent full-range temp coefficient: 30 ppm/oC
• Fast turn-on response
• Low dynamic output impedance: 0.2Ω
• Programmable output voltage to 36v
• Low output noise.
• Packages: TO92, SOT89, SOT23, SOT25 and SOP




Similar Part No. - AP431I

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Similar Description - AP431I

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com