Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP432ARL Datasheet (PDF) - Anachip Corp

AP432ARL Datasheet PDF - Anachip Corp
Part # AP432ARL
Download  AP432ARL Download

File Size   313.34 Kbytes
Page   16 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Adjustable Precision Shunt Regulator

AP432ARL Datasheet (PDF)

Go To PDF Page Download Datasheet
AP432ARL Datasheet PDF - Anachip Corp

Part # AP432ARL
Download  AP432ARL Click to download

File Size   313.34 Kbytes
Page   16 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Adjustable Precision Shunt Regulator

AP432ARL Datasheet (HTML) - Anachip Corp

Back Button AP432ARL Datasheet HTML 1Page - Anachip Corp AP432ARL Datasheet HTML 2Page - Anachip Corp AP432ARL Datasheet HTML 3Page - Anachip Corp AP432ARL Datasheet HTML 4Page - Anachip Corp AP432ARL Datasheet HTML 5Page - Anachip Corp AP432ARL Datasheet HTML 6Page - Anachip Corp AP432ARL Datasheet HTML 7Page - Anachip Corp AP432ARL Datasheet HTML 8Page - Anachip Corp AP432ARL Datasheet HTML 9Page - Anachip Corp AP432ARL Datasheet HTML 10Page - Anachip Corp Next Button 

AP432ARL Product details

General Description 

The AP432/432A are 3-terminal adjustable precision shunt regulators with guaranteed stable temperature over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 1.24/ (VREF) up to 20V merely by selecting two external resistors that act as a voltage divider network.



„ Features

- Precision reference voltage

   AP432 : 1.24V  ±1%

   AP432A : 1.24V ±0.5%

- Sink current capability: 200mA.

- Minimum cathode current for regulation: 150µA

- Equivalent full-range temp coefficient: 30 ppm/oC

- Fast turn-on Response.

- Low dynamic output impedance: 0.2Ω

- Programmable output voltage to 20v

- Low output noise

- Packages: SOT89, SOT23, SOT25, SOP8 and TO92




Similar Part No. - AP432ARL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432ARL ANACHIP-AP432ARL Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432ARL-13 DIODES-AP432ARL-13 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432ARL-7 DIODES-AP432ARL-7 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432ARL-A DIODES-AP432ARL-A Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432ARL-B DIODES-AP432ARL-B Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
More results


Similar Description - AP432ARL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com