Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE02139-T1 Datasheet (PDF) - List of Unclassifed Manufacturers

NE02139-T1 Datasheet PDF - List of Unclassifed Manufacturers
Part # NE02139-T1
Download  NE02139-T1 Download

File Size   171.51 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description NECs NPN SILICON HIGH FREQUENCY TRANSISTOR

NE02139-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE02139-T1 Datasheet PDF - List of Unclassifed Manufacturers

Part # NE02139-T1
Download  NE02139-T1 Click to download

File Size   171.51 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description NECs NPN SILICON HIGH FREQUENCY TRANSISTOR

NE02139-T1 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button NE02139-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 3Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

NE02139-T1 Product details

[CEL]



DESCRIPTION

NECs NE021 series of NPN silicon transistors provides economical solutions to wide ranges of amplifier and oscillator problems. Low noise and high current capability provide low intermodulation distortion. The NE021 series is available as a chip or in several package styles. The series uses the NEC gold, platinum, titanium, and platinum-silicide metallization system to provide the utmost in reliability. NE02107 is available in both common-base and common-emitter configurations and has been qualified for high-reliability space applications.



FEATURES

• HIGH INSERTION GAIN: 18.5 dB at 500 MHz

• LOW NOISE FIGURE: 1.5 dB at 500 MHz

• HIGH POWER GAIN: 12 dB at 2 GHz

• LARGE DYNAMIC RANGE: 19 dBm at 1 dB, 2 GHz Gain Compression



 




Similar Part No. - NE02139-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE02139-T1 CEL-NE02139-T1 Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results


Similar Description - NE02139-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com