Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF120A Datasheet (PDF) - SUNMATE electronic Co., LTD

SMF120A Datasheet PDF - SUNMATE electronic Co., LTD
Part # SMF120A
Download  SMF120A Download

File Size   718.12 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE

SMF120A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF120A Datasheet PDF - SUNMATE electronic Co., LTD

Part # SMF120A
Download  SMF120A Click to download

File Size   718.12 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE

SMF120A Datasheet (HTML) - SUNMATE electronic Co., LTD

SMF120A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMF120A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMF120A Datasheet HTML 3Page - SUNMATE electronic Co., LTD

SMF120A Product details

VOLTAGE RANGE: 5.0 - 17 0V

POWER: 200Wa t t s



Features

• For surface mounted applications

• Low profile package

• Low incremental surge resistance, excellent clamping capability

• 200W peak pulse power capability with a 10/1000 µs wave from,repetition rate (duty cycle):0.01%

• High temperature soldering guaranteed: 260 ℃/10 seconds, at terminals




Similar Part No. - SMF120A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF120A ONSEMI-SMF120A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Shanghai Yint Electroni...
SMF120A YINT-SMF120A Datasheet
814Kb / 5P
   SMF Transient Voltage Suppressor Diode Series
logo
Shenzhen Luguang Electr...
SMF120A LUGUANG-SMF120A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
SAMYANG ELECTRONICS CO....
SMF120A SAMYANG-SMF120A Datasheet
4Mb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
SMF120A DGNJDZ-SMF120A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - SMF120A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com