Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

15KPA Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # 15KPA
Download  15KPA Download

File Size   291.75 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Excellent Clamping Capability

15KPA Datasheet (PDF)

Go To PDF Page Download Datasheet
15KPA Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 15KPA
Download  15KPA Click to download

File Size   291.75 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Excellent Clamping Capability

15KPA Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd

15KPA Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 15KPA Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 15KPA Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 15KPA Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 15KPA Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd

15KPA Product details

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Glass passivated junction
• 15000W Peak Pulse Power capability on 10/1000 µs waveform
• Excellent clamping capability
• Repetition rate (duty cycle):0.05%
• Low incremental surge resistance
• Fast response time: typically less than 1.0 ps from 0 volts to BV
• Typical IR less than 1μA above 10V
• High temperature soldering guaranteed: 265°C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
• UL Recognized File # E224235
• This is a Pb-Free Device
• All SMC parts are traceable to the wafer lot
• Additional testing can be offered upon request




Similar Part No. - 15KPA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Weitron Technology
15KPA WEITRON-15KPA Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
15KPA MERITEK-15KPA Datasheet
281Kb / 4P
   Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
15KPA RUILON-15KPA Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
More results


Similar Description - 15KPA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com