Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF4L54A Datasheet (PDF) - Littelfuse

SMF4L54A Datasheet PDF - Littelfuse
Part # SMF4L54A
Download  SMF4L54A Download

File Size   1329.43 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diodes Surface Mount ??400W

SMF4L54A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF4L54A Datasheet PDF - Littelfuse

Part # SMF4L54A
Download  SMF4L54A Click to download

File Size   1329.43 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diodes Surface Mount ??400W

SMF4L54A Datasheet (HTML) - Littelfuse

SMF4L54A Datasheet HTML 1Page - Littelfuse SMF4L54A Datasheet HTML 2Page - Littelfuse SMF4L54A Datasheet HTML 3Page - Littelfuse SMF4L54A Datasheet HTML 4Page - Littelfuse SMF4L54A Datasheet HTML 5Page - Littelfuse SMF4L54A Datasheet HTML 6Page - Littelfuse



Similar Part No. - SMF4L54A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF4L54A LUGUANG-SMF4L54A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
SMF4L54A LUGUANG-SMF4L54A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
SMF4L54A LUGUANG-SMF4L54A Datasheet
404Kb / 3P
   Transient Voltage Suppressor
20210428-P1
logo
Bourns Electronic Solut...
SMF4L54A BOURNS-SMF4L54A Datasheet
187Kb / 6P
   SMF4L Transient Voltage Suppressor Diode Series
REV. 12/21
logo
Anova Technologies CO.,...
SMF4L54A;NM;SOD-123 ANOVA-SMF4L54A;NM;SOD-123 Datasheet
330Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results


Similar Description - SMF4L54A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
   TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
   Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
RFE international
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com