Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQY214SX Datasheet (PDF) - Nais(Matsushita Electric Works)

AQY214SX Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQY214SX
Download  AQY214SX Download

File Size   37.02 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type

AQY214SX Datasheet (PDF)

Go To PDF Page Download Datasheet
AQY214SX Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQY214SX
Download  AQY214SX Click to download

File Size   37.02 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type

AQY214SX Datasheet (HTML) - Nais(Matsushita Electric Works)

AQY214SX Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY214SX Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY214SX Datasheet HTML 3Page - Nais(Matsushita Electric Works)

AQY214SX Product details

FEATURES
1. SO package 4-Pin type in super miniature design
   The device comes in a super-miniature
   SO package 4-Pin type measuring
   (W)4.3 × (L)4.4 × (H)2.1 mm (W).169 ×
   (L).173 × (H).083 inch —approx. 70% of
   the volume and 70% of the footprint size
   of SO package 6-pin type PhotoMOS Relays.
2. Tape and reel
   The device comes standard in a tape and
   reel (1,000 pcs./reel) to facilitate
   automatic insertion machines.
3. Controls low-level analog signals
   PhotoMOS relays feature extremely low
   closed-circuit offset voltage to enable
   control of low-level analog signals without
   distortion.
4. Low-level off state leakage current
   In contrast to the SSR with an off state
   leakage current of several milliamps, the
   PhotoMOS relay features a very small off
   state leakage current of only 100 pA
   (AQY214S) even with the rated load voltage of 400 V.

TYPICAL APPLICATIONS
• Telecommunications (PC, Electoronic Notepad)
• Measuring and Testing equipment
• Factory Automation Equipment
• Security equipment
• High speed inspection machines




Similar Part No. - AQY214SX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY214SX PANASONIC-AQY214SX Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
More results


Similar Description - AQY214SX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY14 NAIS-AQY14 Datasheet
45Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com