Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6212FP-E2 Datasheet (PDF) - Rohm

BD6212FP-E2 Datasheet PDF - Rohm
Part # BD6212FP-E2
Download  BD6212FP-E2 Download

File Size   1250.45 Kbytes
Page   24 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DC Brush Motor Drivers

BD6212FP-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD6212FP-E2 Datasheet PDF - Rohm

Part # BD6212FP-E2
Download  BD6212FP-E2 Click to download

File Size   1250.45 Kbytes
Page   24 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DC Brush Motor Drivers

BD6212FP-E2 Datasheet (HTML) - Rohm

Back Button BD6212FP-E2 Datasheet HTML 1Page - Rohm BD6212FP-E2 Datasheet HTML 2Page - Rohm BD6212FP-E2 Datasheet HTML 3Page - Rohm BD6212FP-E2 Datasheet HTML 4Page - Rohm BD6212FP-E2 Datasheet HTML 5Page - Rohm BD6212FP-E2 Datasheet HTML 6Page - Rohm BD6212FP-E2 Datasheet HTML 7Page - Rohm BD6212FP-E2 Datasheet HTML 8Page - Rohm BD6212FP-E2 Datasheet HTML 9Page - Rohm BD6212FP-E2 Datasheet HTML 10Page - Rohm Next Button 

BD6212FP-E2 Product details

Overview
These H-bridge drivers are full bridge drivers for brush motor applications. Each IC can operate at a wide range of power supply voltages (from 3V to 36V), supporting output currents of up to 2A. MOS transistors in the output stage allow for PWM signal control, while the integrated VREF voltage control function of previous models offers direct replacement of deprecated motor driver ICs. These highly efficient H-bridge driver ICs facilitate low-power consumption design.
   
Features
1) Built-in, selectable one channel or two channels configuration
2) Low standby current
3) Supports PWM control signal input (20kHz to 100kHz)
4) VREF voltage setting pin enables PWM duty control
5) Cross-conduction prevention circuit
6) Four protection circuits provided: OCP, OVP, TSD and UVLO
   
Applications
    VCR; CD/DVD players; audio-visual equipment;
        optical disc drives; PC peripherals;
    car audios; car navigation systems; OA equipments
   




Similar Part No. - BD6212FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6212FP-E2 ROHM-BD6212FP-E2 Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
More results


Similar Description - BD6212FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com