Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-33T5A Datasheet (PDF) - Anachip Corp

AP1501-33T5A Datasheet PDF - Anachip Corp
Part # AP1501-33T5A
Download  AP1501-33T5A Download

File Size   129.02 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150 KHZ 3A PWM BUCK DC/DC CONVERTER

AP1501-33T5A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501-33T5A Datasheet PDF - Anachip Corp

Part # AP1501-33T5A
Download  AP1501-33T5A Click to download

File Size   129.02 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150 KHZ 3A PWM BUCK DC/DC CONVERTER

AP1501-33T5A Datasheet (HTML) - Anachip Corp

AP1501-33T5A Datasheet HTML 1Page - Anachip Corp AP1501-33T5A Datasheet HTML 2Page - Anachip Corp AP1501-33T5A Datasheet HTML 3Page - Anachip Corp AP1501-33T5A Datasheet HTML 4Page - Anachip Corp AP1501-33T5A Datasheet HTML 5Page - Anachip Corp AP1501-33T5A Datasheet HTML 6Page - Anachip Corp AP1501-33T5A Datasheet HTML 7Page - Anachip Corp

AP1501-33T5A Product details

General Description

The AP1501 series are monolithic IC that design for a step-down DC/DC converter, and own the ability of driving a 3A load without additional transistor component. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode.



Features

- Output voltage: 3.3V, 5V, 12V and adjustable output version

- Adjustable version output voltage range, 1.23V to 37V+4%

- 150Khz +15% fixed switching frequency

- Voltage mode non-synchronous PWM control

- Thermal-shutdown and current-limit protection

- ON/OFF shutdown control input

- Operating voltage can be up to 40V

- Output load current: 3A

- TO220-5L TO220-5L(R) and TO263-5L packages

- Low power standby mode

- Built-in switching transistor on chip



Applications

- Simple High-efficiency step-down regulator

- On-card switching regulators

- Positive to negative converter




Similar Part No. - AP1501-33T5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-33T5A ANACHIP-AP1501-33T5A Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results


Similar Description - AP1501-33T5A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com