Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVSP1A684M Datasheet (PDF) - NEC

SVSP1A684M Datasheet PDF - NEC
Part # SVSP1A684M
Download  SVSP1A684M Download

File Size   125.29 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Surface mount resin molded, Ultra miniaturized chip

SVSP1A684M Datasheet (PDF)

Go To PDF Page Download Datasheet
SVSP1A684M Datasheet PDF - NEC

Part # SVSP1A684M
Download  SVSP1A684M Click to download

File Size   125.29 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Surface mount resin molded, Ultra miniaturized chip

SVSP1A684M Datasheet (HTML) - NEC

Back Button SVSP1A684M Datasheet HTML 1Page - NEC SVSP1A684M Datasheet HTML 2Page - NEC SVSP1A684M Datasheet HTML 3Page - NEC SVSP1A684M Datasheet HTML 4Page - NEC SVSP1A684M Datasheet HTML 5Page - NEC SVSP1A684M Datasheet HTML 6Page - NEC SVSP1A684M Datasheet HTML 7Page - NEC SVSP1A684M Datasheet HTML 8Page - NEC SVSP1A684M Datasheet HTML 9Page - NEC SVSP1A684M Datasheet HTML 10Page - NEC Next Button 

SVSP1A684M Product details

The SVS series is a line-up of high performance ultra miniaturized tantalum chip capacitors.
The case dimensions are 2.0 mm × 1.25 mm × 1.2 mm as shown below.

FEATURES
○ The smallest molded chip tantalum capacitor (half size of the EIA standard A case)
○ Available up to 10 µF with case dimension of 2.0 mm × 1.25 mm × 1.2 mm (case code P)

APPLICATIONS
○ Portable stereos
○ VCR cameras
○ Hearing aids




Similar Part No. - SVSP1A684M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SVS-3-1/8 FESTO-SVS-3-1/8 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SVS-4-1/8 FESTO-SVS-4-1/8 Datasheet
97Kb / 1P
   Front panel valve
4/10/22
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-04-P310-L50-S15-E00 ETAL-SVS02-04-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-08-P310-L50-S15-E00 ETAL-SVS02-08-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
More results


Similar Description - SVSP1A684M

ManufacturerPart #DatasheetDescription
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
NEC
SVFB21V105M NEC-SVFB21V105M Datasheet
142Kb / 16P
   Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
logo
List of Unclassifed Man...
MCMR ETC2-MCMR Datasheet
280Kb / 6P
   Ultra - Miniaturized Radial Capacitors
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
TMCU VISHAY-TMCU Datasheet
261Kb / 14P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Revision: 26-Oct-17
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com