Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA08-XXXB Datasheet (PDF) - STMicroelectronics

BTA08-XXXB Datasheet PDF - STMicroelectronics
Part # BTA08-XXXB
Download  BTA08-XXXB Download

File Size   129.28 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A TRIACS

BTA08-XXXB Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA08-XXXB Datasheet PDF - STMicroelectronics

Part # BTA08-XXXB
Download  BTA08-XXXB Click to download

File Size   129.28 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A TRIACS

BTA08-XXXB Datasheet (HTML) - STMicroelectronics

Back Button BTA08-XXXB Datasheet HTML 1Page - STMicroelectronics BTA08-XXXB Datasheet HTML 2Page - STMicroelectronics BTA08-XXXB Datasheet HTML 3Page - STMicroelectronics BTA08-XXXB Datasheet HTML 4Page - STMicroelectronics BTA08-XXXB Datasheet HTML 5Page - STMicroelectronics BTA08-XXXB Datasheet HTML 6Page - STMicroelectronics BTA08-XXXB Datasheet HTML 7Page - STMicroelectronics BTA08-XXXB Datasheet HTML 8Page - STMicroelectronics BTA08-XXXB Datasheet HTML 9Page - STMicroelectronics BTA08-XXXB Datasheet HTML 10Page - STMicroelectronics Next Button 

BTA08-XXXB Product details

Description
Available either in through-hole or surface-mount packages, the BTA08, BTB08, T810, T835 is
suitable for general purpose AC switching. It can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits or for phase control
operation in light dimmers and motor speed controllers, etc. The Snubberless versions (BTABTB08_xxxxW and T8 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. Logic level versions are designed to interface
directly with low power drivers such as microcontroller. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500 VRMS) complying with UL standards
(file ref.: E81734).

Features
• On-state rms current, IT(RMS) 8A
• Repetitive peak off-state voltage, VDRM/VRRM 600 to 800 V
• Triggering gate current, IGT (Q1) 5 to 50 mA




Similar Part No. - BTA08-XXXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08-XXXB STMICROELECTRONICS-BTA08-XXXB Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
BTA08-XXXBW STMICROELECTRONICS-BTA08-XXXBW Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results


Similar Description - BTA08-XXXB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com