Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9177-28CB Datasheet (PDF) - List of Unclassifed Manufacturers

RT9177-28CB Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9177-28CB
Download  RT9177-28CB Download

File Size   262.29 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra-Low-Noise 200mA LDO Regulator

RT9177-28CB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9177-28CB Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9177-28CB
Download  RT9177-28CB Click to download

File Size   262.29 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra-Low-Noise 200mA LDO Regulator

RT9177-28CB Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button RT9177-28CB Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9177-28CB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

RT9177-28CB Product details

[Richtek]

General Description
The RT9177 is a 200mA low dropout and low noise micro-power regulator suitable for portable RF applications. The output voltage accuracy within ±2% and range from 2.4V to 3.2V in 100mV increments could be selected. It is designed for using very low ESR output capacitor. Its output remains stable even in using 1µF ceramic as its output capacitor.

Features
• Ultra-Low-Noise(150nV/√Hz ) for RF Application
• 1µF Ceramic COUT Stable
• Low Dropout Voltage(220mV @ 200mA)
• Low Operation Current - 80µA Typical
• Shutdown Function
• Low Temperature Coefficient
• Current and Thermal Limiting
• Custom Voltage Available
• SOT-25 Package

Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery-powered Equipment
• Hand-held Equipment




Similar Part No. - RT9177-28CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results


Similar Description - RT9177-28CB

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com