Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6047MNZ1 Datasheet (PDF) - Rohm

R6047MNZ1 Datasheet PDF - Rohm
Part # R6047MNZ1
Download  R6047MNZ1 Download

File Size   2192.12 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 47A Power MOSFET

R6047MNZ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
R6047MNZ1 Datasheet PDF - Rohm

Part # R6047MNZ1
Download  R6047MNZ1 Click to download

File Size   2192.12 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 47A Power MOSFET

R6047MNZ1 Datasheet (HTML) - Rohm

Back Button R6047MNZ1 Datasheet HTML 1Page - Rohm R6047MNZ1 Datasheet HTML 2Page - Rohm R6047MNZ1 Datasheet HTML 3Page - Rohm R6047MNZ1 Datasheet HTML 4Page - Rohm R6047MNZ1 Datasheet HTML 5Page - Rohm R6047MNZ1 Datasheet HTML 6Page - Rohm R6047MNZ1 Datasheet HTML 7Page - Rohm R6047MNZ1 Datasheet HTML 8Page - Rohm R6047MNZ1 Datasheet HTML 9Page - Rohm R6047MNZ1 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - R6047MNZ1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6047MNZ1 ISC-R6047MNZ1 Datasheet
348Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - R6047MNZ1

ManufacturerPart #DatasheetDescription
logo
Rohm
R6047MNZ ROHM-R6047MNZ Datasheet
2Mb / 14P
   Nch 600V 47A Power MOSFET
R6047ENZ1 ROHM-R6047ENZ1 Datasheet
963Kb / 13P
   Nch 600V 47A Power MOSFET
R6047ENZ4 ROHM-R6047ENZ4 Datasheet
2Mb / 15P
   Nch 600V 47A Power MOSFET
R6047KNZ4 ROHM-R6047KNZ4 Datasheet
2Mb / 15P
   Nch 600V 47A Power MOSFET
R6547KNZ4 ROHM-R6547KNZ4 Datasheet
2Mb / 15P
   Nch 650V 47A Power MOSFET
RS1L145GN ROHM-RS1L145GN Datasheet
2Mb / 13P
   Nch 60V 47A Power MOSFET
R6547ENZ4 ROHM-R6547ENZ4 Datasheet
1Mb / 14P
   Nch 650V 47A Power MOSFET
20200108 - Rev.002
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6025FNZ1 ROHM-R6025FNZ1 Datasheet
1,003Kb / 14P
   Nch 600V 25A Power MOSFET
R6076MNZ1 ROHM-R6076MNZ1 Datasheet
2Mb / 14P
   Nch 600V 76A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com