Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C103 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C103 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C103
Download  PI6C103 Download

File Size   568.88 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Clock Synthesizer

PI6C103 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C103 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C103
Download  PI6C103 Click to download

File Size   568.88 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Clock Synthesizer

PI6C103 Datasheet (HTML) - Pericom Semiconductor Corporation

Back Button PI6C103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button 

PI6C103 Product details

Description

The PI6C103 is a high-speed, low-noise clock generator designed to work with the PI6C18X clock buffer to meet all clock needs for Mobile Intel Architecture platforms. System clock frequencies of 66.6 MHz and 100 MHz are supported.

Split supplies of 3.3V and 2.5V are used. The 3.3V power supply powers everything except the CPU clock. The 2.5V power supply is used to power the CPUCLK outputs. 2.5V signaling follows JEDEC standard 8-X. Power sequencing of  the 3.3V and 2.5V supplies is not required.



Features

• Two copies of CPU clock

• 100 MHz or 66.6 MHz operation

• Six copies of PCI clock, (synchronous with CPU clock)

• Two copies of REF clock @ 14.31818 MHz

• One copy of 48 MHz

• One copy of selectable 48/24 MHz

• Power management control input pins

• Isolated core VDD, VSS pins for noise reduction

• 28-pin SSOP (H) and TSSOP (L) packages



 




Similar Part No. - PI6C103

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
More results


Similar Description - PI6C103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
   3.3V Precision Audio Clock Synthesizer
11/12/08
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
   NETWORKING CLOCK SYNTHESIZER
012313
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com