Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-41Y Datasheet (PDF) - Anachip Corp

AP131-41Y Datasheet PDF - Anachip Corp
Part # AP131-41Y
Download  AP131-41Y Download

File Size   155.48 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 300mA Low Dropout Linear Regulator with Shutdown

AP131-41Y Datasheet (PDF)

Go To PDF Page Download Datasheet
AP131-41Y Datasheet PDF - Anachip Corp

Part # AP131-41Y
Download  AP131-41Y Click to download

File Size   155.48 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 300mA Low Dropout Linear Regulator with Shutdown

AP131-41Y Datasheet (HTML) - Anachip Corp

AP131-41Y Datasheet HTML 1Page - Anachip Corp AP131-41Y Datasheet HTML 2Page - Anachip Corp AP131-41Y Datasheet HTML 3Page - Anachip Corp AP131-41Y Datasheet HTML 4Page - Anachip Corp AP131-41Y Datasheet HTML 5Page - Anachip Corp AP131-41Y Datasheet HTML 6Page - Anachip Corp AP131-41Y Datasheet HTML 7Page - Anachip Corp

AP131-41Y Product details

General Descriptions

The AP131 is a 300mA, fixed output voltage, low dropout linear regulator. The Device included pass

element, error amplifier, band-gap, current limit and thermal shutdown circuitry. The device is ON when EN pin is set to logic high level.



„ Features

- Input voltage range is up to 7V

- Dropout voltage 400mV at 300mA output current

- Guaranteed 300mA output current.

- Internal Ron =1.5ΩPMOS draws no base current

- Low quiescent current 50µA

- Output voltage 2% accuracy, and 1.5V to 5V with  0.1V step

- Active low shutdown function (EN pin).

- Fast transient response

- Good load regulation

- Current limit and thermal shutdown protection

- SOT89-5L and SOT23-5L packages



„ Applications

- Wireless Communication

- Battery Powered device

- CD-ROM, DVD, and LAN Card

- PC peripheral




Similar Part No. - AP131-41Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-15WG-13 DIODES-AP131-15WG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WG-7 DIODES-AP131-15WG-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WL-13 DIODES-AP131-15WL-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WL-7 DIODES-AP131-15WL-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15YG-13 DIODES-AP131-15YG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results


Similar Description - AP131-41Y

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com