Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT5160L16I-7FJ Datasheet (PDF) - List of Unclassifed Manufacturers

GLT5160L16I-7FJ Datasheet PDF - List of Unclassifed Manufacturers
Part # GLT5160L16I-7FJ
Download  GLT5160L16I-7FJ Download

File Size   399.85 Kbytes
Page   45 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM

GLT5160L16I-7FJ Datasheet (PDF)

Go To PDF Page Download Datasheet
GLT5160L16I-7FJ Datasheet PDF - List of Unclassifed Manufacturers

Part # GLT5160L16I-7FJ
Download  GLT5160L16I-7FJ Click to download

File Size   399.85 Kbytes
Page   45 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM

GLT5160L16I-7FJ Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button GLT5160L16I-7FJ Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT5160L16I-7FJ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

GLT5160L16I-7FJ Product details

[G-Link]



GENERAL DESCRIPTION

The GLT5160L16 is a 2-bank x 524288-word x 16-bit Synchronous DRAM, with LVTTL interface. All inputs and outputs are referenced to the rising edge of CLK. The GLT5160L16 achieves very high speed data rate up to 166 MHz, and is suitable for main memory or graphic memory in computer systems.



FEATURES

  Single 3.3 V ±0.3 V power supply

  Clock frequency 100 MHz / 125 MHz / 143 MHz/ 166 MHz

  Fully synchronous operation referenced to clock rising edge

  Dual bank operation controlled by BA (Bank Address)

  CAS latency- 2 / 3 (programmable)

  Burst length- 1 / 2 / 4 / 8 & Full Page (programmable)

  Burst type- sequential / interleave (programmable)

  Industrial grade available

  Byte control by DQMU and DQML

  Column access - random

  Auto precharge / All bank precharge controlled by A[10]

  Auto refresh and Self refresh

  4096 refresh cycles / 64 ms

  LVTTL Interface

  400-mil, 50-Pin Thin Small Outline Package (TSOP II) with 0.8 mm lead pitch

  60-Ball, 6.4mmx10.1mm VFBGA package with 0.65mm Ball pitch & 0.35mm Ball diameter.

 



 




Similar Part No. - GLT5160L16I-7FJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-10TC ETC-GLT5640AL16-10TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-5.5TC ETC-GLT5640AL16-5.5TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-6TC ETC-GLT5640AL16-6TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-7TC ETC-GLT5640AL16-7TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
More results


Similar Description - GLT5160L16I-7FJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V16G50DFP-8 MITSUBISHI-M5M4V16G50DFP-8 Datasheet
167Kb / 33P
   16M (2-BANK x 262144-WORD x 32-BIT) Synchronous Graphics RAM
logo
Etron Technology, Inc.
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
OKI electronic componet...
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
Mitsubishi Electric Sem...
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com