Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F400BT45 Datasheet (PDF) - Hynix Semiconductor

HY29F400BT45 Datasheet PDF - Hynix Semiconductor
Part # HY29F400BT45
Download  HY29F400BT45 Download

File Size   509.53 Kbytes
Page   40 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory

HY29F400BT45 Datasheet (PDF)

Go To PDF Page Download Datasheet
HY29F400BT45 Datasheet PDF - Hynix Semiconductor

Part # HY29F400BT45
Download  HY29F400BT45 Click to download

File Size   509.53 Kbytes
Page   40 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory

HY29F400BT45 Datasheet (HTML) - Hynix Semiconductor

Back Button HY29F400BT45 Datasheet HTML 1Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 2Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 3Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 4Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 5Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 6Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 7Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 8Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 9Page - Hynix Semiconductor HY29F400BT45 Datasheet HTML 10Page - Hynix Semiconductor Next Button 

HY29F400BT45 Product details

GENERAL DESCRIPTION
The HY29F400 is a 4 Megabit, 5 volt only CMOS Flash memory organized as 524,288 (512K) bytes or 262,144 (256K) words. The device is offered in industry-standard 44-pin PSOP and 48-pin TSOP packages.

KEY FEATURES
■ 5 Volt Read, Program, and Erase
    – Minimizes system-level power requirements
■ High Performance
    – Access times as fast as 45 ns
■ Low Power Consumption
    – 20 mA typical active read current in byte mode, 28 mA typical in word mode
    – 30 mA typical program/erase current
    – 5 µA maximum CMOS standby current
■ Compatible with JEDEC Standards
    – Package, pinout and command-set compatible with the single-supply Flash device standard
    – Provides superior inadvertent write protection
■ Sector Erase Architecture
    – Boot sector architecture with top and bottom boot block options available
    – One 16 Kbyte, two 8 Kbyte, one 32 Kbyte and seven 64 Kbyte sectors in byte mode
    – One 8 Kword, two 4 Kword, one 16 Kword and seven 32 Kword sectors in word mode
    – A command can erase any combination of sectors
    – Supports full chip erase
■ Erase Suspend/Resume
    – Temporarily suspends a sector erase operation to allow data to be read from, or programmed into, any sector not being erased
■ Sector Protection
    – Any combination of sectors may be locked to prevent program or erase operations within those sectors
■ Temporary Sector Unprotect
    – Allows changes in locked sectors (requires high voltage on RESET# pin)
■ Internal Erase Algorithm
    – Automatically erases a sector, any combination of sectors, or the entire chip
■ Internal Programming Algorithm
    – Automatically programs and verifies data at a specified address
■ Fast Program and Erase Times
    – Byte programming time: 7 µs typical
    – Sector erase time: 1.0 sec typical
    – Chip erase time: 11 sec typical
■ Data# Polling and Toggle Status Bits
    – Provide software confirmation of completion of program or erase operations
■ Ready/Busy# Output (RY/BY#)
    – Provides hardware confirmation of completion of program and erase operations
■ 100,000 Program/Erase Cycles Minimum
■ Space Efficient Packaging
    – Available in industry-standard 44-pin PSOP and 48-pin TSOP and reverse TSOP packages




Similar Part No. - HY29F400BT45

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50 HYNIX-HY29F400ABG-50 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50I HYNIX-HY29F400ABG-50I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55 HYNIX-HY29F400ABG-55 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55I HYNIX-HY29F400ABG-55I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results


Similar Description - HY29F400BT45

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com