Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1149B Datasheet (PDF) - Skyworks Solutions Inc.

AAT1149B Datasheet PDF - Skyworks Solutions Inc.
Part # AAT1149B
Download  AAT1149B Download

File Size   1880.93 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Ultra-Small 0603 Inductor

AAT1149B Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1149B Datasheet PDF - Skyworks Solutions Inc.

Part # AAT1149B
Download  AAT1149B Click to download

File Size   1880.93 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Ultra-Small 0603 Inductor

AAT1149B Datasheet (HTML) - Skyworks Solutions Inc.

Back Button AAT1149B Datasheet HTML 1Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 2Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 3Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1149B Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 

AAT1149B Product details

General Description
The AAT1149B SwitchReg is a 2.2MHz step-down converter with an input voltage range of 2.2V to 5.5V. It is optimized to react quickly to load variations and operate with a tiny 0603 inductor that is only 1mm tall.

Features
• Ultra-Small 0603 Inductor (Height = 1mm)
• VIN Range: 2.2V to 5.5V
• VOUT Fixed 1.8V
• 400mA Max Output Current
• Up to 98% Efficiency
• 45μA No Load Quiescent Current
• 2.2MHz Switching Frequency
• 70μs Soft Start
• Fast Load Transient
• Over-Temperature Protection
• Current Limit Protection
• 100% Duty Cycle Low-Dropout Operation
• <1μA Shutdown Current
• 0.91 x 1.235mm WLCSP Package
• Temperature Range: -40°C to +85°C

Applications
• Cellular Phones
• Digital Cameras
• Handheld Instruments
• Microprocessor / DSP Core / IO Power
• PDAs and Handheld Computers
• USB Devices




Similar Part No. - AAT1149B

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149B ANALOGICTECH-AAT1149B Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
AAT1149BIUV-1.8-T1 ANALOGICTECH-AAT1149BIUV-1.8-T1 Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
More results


Similar Description - AAT1149B

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1149A SKYWORKS-AAT1149A Datasheet
1Mb / 17P
   Ultra-Small 0603 Inductor
logo
Anaren Microwave
BD2326L50200AHF ANAREN-BD2326L50200AHF Datasheet
198Kb / 5P
   Ultra Small Low Profile 0603 Balun
BD3150L50100AHF ANAREN-BD3150L50100AHF Datasheet
3Mb / 6P
   Ultra Small Low Profile 0603 Balun 50 to 100 Balanced
BD2326L50150A00 ANAREN-BD2326L50150A00 Datasheet
231Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD2326L50200A00 ANAREN-BD2326L50200A00 Datasheet
232Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD3150L50100A00 ANAREN-BD3150L50100A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50150A00 ANAREN-BD4859L50150A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD4859L50100A00 ANAREN-BD4859L50100A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
B4859A53 ANAREN-B4859A53 Datasheet
218Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD3150L50200A00 ANAREN-BD3150L50200A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com