Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSR015P06FRA Datasheet (PDF) - Rohm

RSR015P06FRA Datasheet PDF - Rohm
Part # RSR015P06FRA
Download  RSR015P06FRA Download

File Size   2664.75 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -60V -1.5A Small Signal MOSFET

RSR015P06FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
RSR015P06FRA Datasheet PDF - Rohm

Part # RSR015P06FRA
Download  RSR015P06FRA Click to download

File Size   2664.75 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -60V -1.5A Small Signal MOSFET

RSR015P06FRA Datasheet (HTML) - Rohm

Back Button RSR015P06FRA Datasheet HTML 1Page - Rohm RSR015P06FRA Datasheet HTML 2Page - Rohm RSR015P06FRA Datasheet HTML 3Page - Rohm RSR015P06FRA Datasheet HTML 4Page - Rohm RSR015P06FRA Datasheet HTML 5Page - Rohm RSR015P06FRA Datasheet HTML 6Page - Rohm RSR015P06FRA Datasheet HTML 7Page - Rohm RSR015P06FRA Datasheet HTML 8Page - Rohm RSR015P06FRA Datasheet HTML 9Page - Rohm RSR015P06FRA Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - RSR015P06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR015P06HZG ROHM-RSR015P06HZG Datasheet
2Mb / 15P
   Pch -60V -1.5A Small Signal MOSFET
More results


Similar Description - RSR015P06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR015P06HZG ROHM-RSR015P06HZG Datasheet
2Mb / 15P
   Pch -60V -1.5A Small Signal MOSFET
QH8JC5 ROHM-QH8JC5 Datasheet
2Mb / 14P
   -60V PchPch Small Signal MOSFET
RQ6P015SP ROHM-RQ6P015SP Datasheet
2Mb / 14P
   Pch -100V -1.5A Small Signal MOSFET
RSQ015P10HZG ROHM-RSQ015P10HZG Datasheet
2Mb / 15P
   Pch -100V -1.5A Small Signal MOSFET
BSS84AHZG ROHM-BSS84AHZG Datasheet
5Mb / 14P
   Pch -60V -0.23A Small Signal MOSFET
BSS84XHZG ROHM-BSS84XHZG Datasheet
5Mb / 14P
   Pch -60V -230mA Small Signal MOSFET
QH8MC5 ROHM-QH8MC5 Datasheet
4Mb / 22P
   60V NchPch Small Signal MOSFET
BSS84WAHZG ROHM-BSS84WAHZG Datasheet
5Mb / 14P
   Pch -60V -0.21A Small Signal MOSFET
20210611 - Rev.002
BSS84W ROHM-BSS84W Datasheet
5Mb / 14P
   Pch -60V -0.21A Small Signal MOSFET
20211110 - Rev.001
RQ6L020SP ROHM-RQ6L020SP Datasheet
2Mb / 15P
   Pch -60V -2.0A Small Signal MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com