Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1393115-4 Datasheet (PDF) - TE Connectivity Ltd

1-1393115-4 Datasheet PDF - TE Connectivity Ltd
Part # 1-1393115-4
Download  1-1393115-4 Download

File Size   617.24 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap

1-1393115-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-1393115-4 Datasheet PDF - TE Connectivity Ltd

Part # 1-1393115-4
Download  1-1393115-4 Click to download

File Size   617.24 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap

1-1393115-4 Datasheet (HTML) - TE Connectivity Ltd

1-1393115-4 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393115-4 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393115-4 Datasheet HTML 3Page - TE Connectivity Ltd



Similar Part No. - 1-1393115-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1393115-4 TEC-1-1393115-4 Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
More results


Similar Description - 1-1393115-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUIP TEC-KUIP Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
logo
Tyco Electronics
KUGP-7D55-24 MACOM-KUGP-7D55-24 Datasheet
617Kb / 3P
   KUIP/KUGP Series Panel Plug-in Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
   SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
logo
HARTING Technology Grou...
09-14-000-6358 HARTING-09-14-000-6358 Datasheet
476Kb / 2P
   Pneum. contact metal OD 8mm, male
09-14-000-6408 HARTING-09-14-000-6408 Datasheet
464Kb / 2P
   Pneum. contact metal ID 8mm, female
logo
TE Connectivity Ltd
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
logo
HARTING Technology Grou...
09-14-000-6308 HARTING-09-14-000-6308 Datasheet
465Kb / 2P
   Pneum. contact metal ID 8mm, male
09-14-000-6458 HARTING-09-14-000-6458 Datasheet
471Kb / 2P
   Pneum. contact metal OD 8mm, female
2021-10-01
logo
TE Connectivity Ltd
C-SRK-PC-080-1635-XX TEC-C-SRK-PC-080-1635-XX Datasheet
145Kb / 1P
   CONTACT, SOCKET 8mm DIA SRK SERIES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com