Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1393230-1 Datasheet (PDF) - TE Connectivity Ltd

1-1393230-1 Datasheet PDF - TE Connectivity Ltd
Part # 1-1393230-1
Download  1-1393230-1 Download

File Size   287.37 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description For high inrush currents up to 120A

1-1393230-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-1393230-1 Datasheet PDF - TE Connectivity Ltd

Part # 1-1393230-1
Download  1-1393230-1 Click to download

File Size   287.37 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description For high inrush currents up to 120A

1-1393230-1 Datasheet (HTML) - TE Connectivity Ltd

1-1393230-1 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393230-1 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393230-1 Datasheet HTML 3Page - TE Connectivity Ltd



Similar Part No. - 1-1393230-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393230-1 MACOM-1-1393230-1 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
More results


Similar Description - 1-1393230-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
42903 MACOM-42903 Datasheet
168Kb / 2P
   Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
40947 MACOM-40947 Datasheet
204Kb / 3P
   1 pole 10 A, for high inrush currents, mono- or bistable
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
Fujitsu Component Limit...
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com