Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SAR293P5 Datasheet (PDF) - Rohm

2SAR293P5 Datasheet PDF - Rohm
Part # 2SAR293P5
Download  2SAR293P5 Download

File Size   1780.11 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistors (-30V / -1.0A)

2SAR293P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR293P5 Datasheet PDF - Rohm

Part # 2SAR293P5
Download  2SAR293P5 Click to download

File Size   1780.11 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistors (-30V / -1.0A)

2SAR293P5 Datasheet (HTML) - Rohm

2SAR293P5 Datasheet HTML 1Page - Rohm 2SAR293P5 Datasheet HTML 2Page - Rohm 2SAR293P5 Datasheet HTML 3Page - Rohm 2SAR293P5 Datasheet HTML 4Page - Rohm 2SAR293P5 Datasheet HTML 5Page - Rohm 2SAR293P5 Datasheet HTML 6Page - Rohm 2SAR293P5 Datasheet HTML 7Page - Rohm 2SAR293P5 Datasheet HTML 8Page - Rohm



Similar Part No. - 2SAR293P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P ROHM-2SAR293P Datasheet
529Kb / 6P
   Midium Power Transistors (-30V / -1A)
2SAR293P ROHM-2SAR293P Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -1A)
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
More results


Similar Description - 2SAR293P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SAR552P5 ROHM-2SAR552P5 Datasheet
1Mb / 9P
   Middle Power Transistors (-30V / -3A)
2SCR552P5 ROHM-2SCR552P5 Datasheet
1Mb / 9P
   Middle Power Transistors (30V / 3A)
2SCR293P5 ROHM-2SCR293P5 Datasheet
1Mb / 8P
   Middle Power Transistors (30V / 1A)
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
   NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -1A)
2SCR293PFRA ROHM-2SCR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (30V / 1A)
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -5A)
2SAR513R ROHM-2SAR513R Datasheet
1Mb / 10P
   PNP -1.0A -50V Middle Power Transistor
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-30V/-2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com