Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SAR512P Datasheet (PDF) - Rohm

2SAR512P Datasheet PDF - Rohm
Part # 2SAR512P
Download  2SAR512P Download

File Size   439.52 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -2.0A -30V Middle Power Transistor

2SAR512P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR512P Datasheet PDF - Rohm

Part # 2SAR512P
Download  2SAR512P Click to download

File Size   439.52 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -2.0A -30V Middle Power Transistor

2SAR512P Datasheet (HTML) - Rohm

2SAR512P Datasheet HTML 1Page - Rohm 2SAR512P Datasheet HTML 2Page - Rohm 2SAR512P Datasheet HTML 3Page - Rohm 2SAR512P Datasheet HTML 4Page - Rohm 2SAR512P Datasheet HTML 5Page - Rohm 2SAR512P Datasheet HTML 6Page - Rohm 2SAR512P Datasheet HTML 7Page - Rohm 2SAR512P Datasheet HTML 8Page - Rohm



Similar Part No. - 2SAR512P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR512P ROHM-2SAR512P Datasheet
226Kb / 5P
   Medium Power Transistors (−30V / −2A)
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
   Medium Power Transistors(-30V/-2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-30V/-2A)
2SAR512P ROHM-2SAR512P_09 Datasheet
226Kb / 5P
   Medium Power Transistors (−30V / −2A)
More results


Similar Description - 2SAR512P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
   PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
   NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
2SAR553P ROHM-2SAR553P Datasheet
358Kb / 7P
   PNP -2.0A -50V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
   PNP -2.0A -50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
   PNP -6A -30V Middle Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com