Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SCR372P5 Datasheet (PDF) - Rohm

2SCR372P5 Datasheet PDF - Rohm
Part # 2SCR372P5
Download  2SCR372P5 Download

File Size   1435.89 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor(120V/700mA)

2SCR372P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR372P5 Datasheet PDF - Rohm

Part # 2SCR372P5
Download  2SCR372P5 Click to download

File Size   1435.89 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor(120V/700mA)

2SCR372P5 Datasheet (HTML) - Rohm

2SCR372P5 Datasheet HTML 1Page - Rohm 2SCR372P5 Datasheet HTML 2Page - Rohm 2SCR372P5 Datasheet HTML 3Page - Rohm 2SCR372P5 Datasheet HTML 4Page - Rohm 2SCR372P5 Datasheet HTML 5Page - Rohm 2SCR372P5 Datasheet HTML 6Page - Rohm 2SCR372P5 Datasheet HTML 7Page - Rohm 2SCR372P5 Datasheet HTML 8Page - Rohm 2SCR372P5 Datasheet HTML 9Page - Rohm



Similar Part No. - 2SCR372P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
   Midium Power Transistors (120V / 700mA)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
   Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
More results


Similar Description - 2SCR372P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
   Middle Power Transistor(120V/1.5A)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
   Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
2SAR567F3 ROHM-2SAR567F3 Datasheet
1Mb / 9P
   PNP -2.5A -120V Middle Power Transistor
2SAR372P5 ROHM-2SAR372P5 Datasheet
1Mb / 10P
   PNP -0.7A -120V Middle Power Transistor
2SAR375P5 ROHM-2SAR375P5 Datasheet
1Mb / 10P
   PNP -1.5A -120V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
   NPN 2.5A 120V Middle Power Transistor
2SCR514P5 ROHM-2SCR514P5 Datasheet
1Mb / 9P
   Middle Power Transistors (80V / 700mA)
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
   Midium Power Transistors (120V / 700mA)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -1A)
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-80V / -0.7A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com