Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3050C Datasheet (PDF) - List of Unclassifed Manufacturers

SI-3050C Datasheet PDF - List of Unclassifed Manufacturers
Part # SI-3050C
Download  SI-3050C Download

File Size   94.83 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type

SI-3050C Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3050C Datasheet PDF - List of Unclassifed Manufacturers

Part # SI-3050C
Download  SI-3050C Click to download

File Size   94.83 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type

SI-3050C Datasheet (HTML) - List of Unclassifed Manufacturers

SI-3050C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 7Page - List of Unclassifed Manufacturers

SI-3050C Product details

[SANKEN]



■ Features

• Compact full-mold package (equivalent to TO220)

• Output current: 1.5A

• Low dropout voltage: VDIF≤1V (at IO=1.5A)

• Variable output voltage (rise only)

   May be used for remote sensing

• Output ON/OFF control terminal is compatible with LS-TTL.

   (It may be directly driven by LS-TTL or standard CMOS logic.)

• Built-in foldback overcurrent (SI-3033C: Drooping type overcurrent), overvoltage, thermal protection circuits

■ Applications

• For stabilization of the secondary stage of switching power supplies

• Electronic equipment



 




Similar Part No. - SI-3050C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3050C SANKEN-SI-3050C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3050C ALLEGRO-SI-3050C Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
More results


Similar Description - SI-3050C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com