Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDR-15-12 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

HDR-15-12 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # HDR-15-12
Download  HDR-15-12 Download

File Size   631.04 Kbytes
Page   4 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH

HDR-15-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDR-15-12 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # HDR-15-12
Download  HDR-15-12 Click to download

File Size   631.04 Kbytes
Page   4 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH

HDR-15-12 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.

HDR-15-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HDR-15-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HDR-15-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HDR-15-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.



Similar Part No. - HDR-15-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDR-150 MEANWELL-HDR-150 Datasheet
920Kb / 4P
   150W Ultra Slim Step Shape DIN Rail
HDR-150-12 MEANWELL-HDR-150-12 Datasheet
920Kb / 4P
   150W Ultra Slim Step Shape DIN Rail
HDR-150-15 MEANWELL-HDR-150-15 Datasheet
920Kb / 4P
   150W Ultra Slim Step Shape DIN Rail
HDR-150-24 MEANWELL-HDR-150-24 Datasheet
920Kb / 4P
   150W Ultra Slim Step Shape DIN Rail
HDR-150-48 MEANWELL-HDR-150-48 Datasheet
920Kb / 4P
   150W Ultra Slim Step Shape DIN Rail
More results


Similar Description - HDR-15-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
   ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
HDR-30 MEANWELL-HDR-30 Datasheet
625Kb / 4P
   SUULTRA SLIM DESIGN WITH 35MM(2SU) WIDTH
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
Axiomtek Co., Ltd.
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
   Ultra slim design: thickness 52mm
GOT-5840T-830 AXIOMTEK-GOT-5840T-830 Datasheet
375Kb / 2P
   Ultra Slim design: thickness 45mm
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
GOT-5152T-830 AXIOMTEK-GOT-5152T-830 Datasheet
344Kb / 2P
   Ultra slim design: thickness 54.6mm
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
MPC102-832 AXIOMTEK-MPC102-832 Datasheet
423Kb / 2P
   Ultra slim design - thickness 45.8 mm
logo
A-Data Technology
HC660 A-DATA-HC660 Datasheet
403Kb / 2P
   Ultra-slim design at just 9.6mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com