Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP10 Datasheet (PDF) - XP Power Limited

GP10 Datasheet PDF - XP Power Limited
Part # GP10
Download  GP10 Download

File Size   568.52 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

GP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP10 Datasheet PDF - XP Power Limited

Part # GP10
Download  GP10 Click to download

File Size   568.52 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

GP10 Datasheet (HTML) - XP Power Limited

GP10 Datasheet HTML 1Page - XP Power Limited GP10 Datasheet HTML 2Page - XP Power Limited GP10 Datasheet HTML 3Page - XP Power Limited GP10 Datasheet HTML 4Page - XP Power Limited GP10 Datasheet HTML 5Page - XP Power Limited GP10 Datasheet HTML 6Page - XP Power Limited

GP10 Product details

PRODUCT DESCRIPTION
The GP Series is a line of miniature DC to HV DC converters providing 100V to 6kV, positive or negative in a compact PC mount package. This line features low power consumption, making it ideal for portable, battery powered applications. The isolated output is proportional to the input, and is linear from approximately 0.7 volts in. A low noise quasisinewave oscillator and shielded transformer provide clean, reliable DC to HV DC conversion with low EMI and RFI. The isolated output allows for user selectable output polarity. No minimum load is required.
   
FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Power Consumption
• Low Ripple, Low EMI / RFI
• Short Circuit Protected
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2.31 million hrs per Bellcore TR-332
• UL Certifed Encapsulant, Meets 94V-0 Flammability
• RoHS Compliant
   
APPLICATIONS
• Portable, Battery Powered
• Sustaining Ion Pumps
• Vacuum Gauges
• Photomultiplier Tubes
• Spectrometry
• Electrostatic Chuck
• Non-impact Printers
• Field Generation
• Piezo Devices
• Electrophoresis
   




Similar Part No. - GP10

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GP10 FCI-GP10 Datasheet
144Kb / 2P
   1.0 Amp MEGARECTIFIERS Mechanical Dimensions
logo
Frontier Electronics.
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-01R FRONTIER-GP10-01R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-02R FRONTIER-GP10-02R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-04R FRONTIER-GP10-04R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
More results


Similar Description - GP10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com