Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6203E45ATB Datasheet (PDF) - Torex Semiconductor

XC6203E45ATB Datasheet PDF - Torex Semiconductor
Part # XC6203E45ATB
Download  XC6203E45ATB Download

File Size   506.77 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description POSITIVE VOLTAGE REGULATORS

XC6203E45ATB Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6203E45ATB Datasheet PDF - Torex Semiconductor

Part # XC6203E45ATB
Download  XC6203E45ATB Click to download

File Size   506.77 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description POSITIVE VOLTAGE REGULATORS

XC6203E45ATB Datasheet (HTML) - Torex Semiconductor

Back Button XC6203E45ATB Datasheet HTML 1Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 2Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 3Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 4Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 5Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 6Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 7Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 8Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 9Page - Torex Semiconductor XC6203E45ATB Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6203E45ATB Product details

■General Description

The XC6203E series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies.

The series provides large currents with a significantly small dropout voltage.

The XC6203E consists of a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between a voltage of 1.8V and 6.0V.

SOT-89 (500mW), SOT-223 (1200mW) and TO-92 (300mW) package.



◆CMOS Low Power Consumption (16µA max)

◆Dropout Voltage : 150mV @ 100mA,

                           300mV @ 200mA

◆Maximum Output Current : more than 400mA (3.3V)

◆Highly Accurate : ±2%

◆SOT-89 / SOT-223 / TO-92 Package



■Features

Maximum Output Current : 400mA

Maximum Operating Voltage : 8V

Output Voltage Range : 1.8V ~ 6.0V

(selectable in 0.1V steps)

Highly Accurate : ± 2%

Low Power Consumption : TYP 8.0 µA

Output Voltage Temperature Characteristics

: TYP ±100ppm/°C

Operational Temperature Range : -40°C ~ 85°C

Ultra Small Packages : SOT-89, SOT223, TO-92



■Applications

●Battery Powered Equipment

●Reference Voltage Sources

●Cameras, Video Cameras

●CD-ROMs, DVDs

●Palmtops

●Portable Audio Video Equipment




Similar Part No. - XC6203E45ATB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18AFB TOREX-XC6203E18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFH TOREX-XC6203E18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFL TOREX-XC6203E18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFR TOREX-XC6203E18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18ALB TOREX-XC6203E18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results


Similar Description - XC6203E45ATB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com