Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDW120-48P Datasheet (PDF) - Bel Fuse Inc.

LDW120-48P Datasheet PDF - Bel Fuse Inc.
Part # LDW120-48P
Download  LDW120-48P Download

File Size   425.96 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single or two phase input AC 187 ??550 VAC

LDW120-48P Datasheet (PDF)

Go To PDF Page Download Datasheet
LDW120-48P Datasheet PDF - Bel Fuse Inc.

Part # LDW120-48P
Download  LDW120-48P Click to download

File Size   425.96 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Single or two phase input AC 187 ??550 VAC

LDW120-48P Datasheet (HTML) - Bel Fuse Inc.

LDW120-48P Datasheet HTML 1Page - Bel Fuse Inc. LDW120-48P Datasheet HTML 2Page - Bel Fuse Inc. LDW120-48P Datasheet HTML 3Page - Bel Fuse Inc. LDW120-48P Datasheet HTML 4Page - Bel Fuse Inc.



Similar Part No. - LDW120-48P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW120 BEL-LDW120 Datasheet
564Kb / 4P
   High efficiency and compact size
logo
Shanghai Leiditech Elec...
LDW1206 LEIDITECH-LDW1206 Datasheet
1Mb / 9P
   Commom Mode Choke
More results


Similar Description - LDW120-48P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW240-12 BEL-LDW240-12 Datasheet
414Kb / 4P
   Single, two or three phase input AC 187 ??550 VAC
LDW480-24 BEL-LDW480-24 Datasheet
406Kb / 4P
   Single, two or three phase input AC 187 ??550 VAC
LDW25-24 BEL-LDW25-24 Datasheet
673Kb / 4P
   Single or two phase AC (90 - 550 VAC) or DC (150 - 725 VDC) input
LDN480-24 BEL-LDN480-24 Datasheet
415Kb / 4P
   Single phase AC input 187 - 264 VAC (250 ??375 VDC)
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
   Single phase AC input 120 / 240 VAC (with switch)
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
   Single phase AC input 90 ??264 VAC (110 - 345 VDC
LDN40 BEL-LDN40 Datasheet
615Kb / 4P
   Single phase AC input 90 - 264 VAC (110 - 345 VDC)
LDN80 BEL-LDN80 Datasheet
598Kb / 4P
   Single phase AC input 90 - 264 VAC (110 - 345 VDC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com