Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMCA92-2R660G-S1F-T4 Datasheet (PDF) - Abracon Corporation

AMCA92-2R660G-S1F-T4 Datasheet PDF - Abracon Corporation
Part # AMCA92-2R660G-S1F-T4
Download  AMCA92-2R660G-S1F-T4 Download

File Size   1472.87 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Surface Mount WLAN Antenna (2660MHz)

AMCA92-2R660G-S1F-T4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMCA92-2R660G-S1F-T4 Datasheet PDF - Abracon Corporation

Part # AMCA92-2R660G-S1F-T4
Download  AMCA92-2R660G-S1F-T4 Click to download

File Size   1472.87 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Surface Mount WLAN Antenna (2660MHz)

AMCA92-2R660G-S1F-T4 Datasheet (HTML) - Abracon Corporation

AMCA92-2R660G-S1F-T4 Datasheet HTML 1Page - Abracon Corporation AMCA92-2R660G-S1F-T4 Datasheet HTML 2Page - Abracon Corporation AMCA92-2R660G-S1F-T4 Datasheet HTML 3Page - Abracon Corporation



Similar Part No. - AMCA92-2R660G-S1F-T4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCA31-2R450G ABRACON-AMCA31-2R450G Datasheet
1Mb / 3P
   Surface Mount WLAN / Bluetooth Chip Antenna
10.24.13
AMCA31-2R450G-S1F-T ABRACON-AMCA31-2R450G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN / Bluetooth Chip Antenna
10.24.13
logo
EM Microelectronic - MA...
AMCA31-2R450G-S1F-T EMMICRO-AMCA31-2R450G-S1F-T Datasheet
1Mb / 67P
   5.0 LOW-ENERGY COMPANION OR SOC
logo
Abracon Corporation
AMCA31-2R800G-S1F-T ABRACON-AMCA31-2R800G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2800MHz)
10.25.13
AMCA52-2R350G-S1F-T ABRACON-AMCA52-2R350G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2350MHz)
10.25.13
More results


Similar Description - AMCA92-2R660G-S1F-T4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCA52-2R710G-S1F-T ABRACON-AMCA52-2R710G-S1F-T Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2710MHz)
10.28.13
AMCA52-2R350G-S1F-T ABRACON-AMCA52-2R350G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2350MHz)
10.25.13
AMCA81-3R010G-S1F-T ABRACON-AMCA81-3R010G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (3010MHz)
10.29.13
AMCA31-2R800G-S1F-T ABRACON-AMCA31-2R800G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2800MHz)
10.25.13
AMCA52-2R780G-S1TF ABRACON-AMCA52-2R780G-S1TF Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2780MHz)
10.28.13
AMCA52-2R540G-S1F-T ABRACON-AMCA52-2R540G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2540MHz)
10.28.13
AMCA62-2R640G-01F-T ABRACON-AMCA62-2R640G-01F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2640MHz)
10.28.13
AMCA72-2R470G-S1F-T ABRACON-AMCA72-2R470G-S1F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2470MHz)
10.28.13
AMCA72-2R860G-02F-T ABRACON-AMCA72-2R860G-02F-T Datasheet
1Mb / 3P
   Surface Mount WLAN Antenna (2860MHz)
10.29.13
AMCA52-2R780G-S1F-T ABRACON-AMCA52-2R780G-S1F-T Datasheet
2Mb / 3P
   Surface Mount WLAN Antenna (2780MHz)
10.28.13
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com